Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B-AKB-RKB Datasheet(PDF) 1 Page - Cree LED

Part # CLM4B-AKB-RKB
Description  CLM4B-RKB/AKB: PLCC4 1 IN 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLM4B-AKB-RKB Datasheet(HTML) 1 Page - Cree LED

  CLM4B-AKB-RKB Datasheet HTML 1Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 2Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 3Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 4Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 5Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 6Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 7Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 8Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT992
REV 7
1
CLM4B-RKB/AKB: PLCC4 1 IN 1 SMD LED
PRODUCT DESCRIPTION
SMD LEDs is packaged in the industry
standard package. These LEDs have high
reliability performance and are
designed to work under a wide range of
environmental conditions.
This high reliability feature makes
them ideally suited to be used under
illumination application conditions.
Its wide viewing angle makes these
LEDs ideally suited for channel letter, or
general backlighting and illumina-tion
applications. The flat top emitting surface
makes it easy for these LEDs
to mate with light pipes.
FEATURES
• Size (mm): 3.2 X 2.7
• Color and Typical Dominant
Wavelength:
Red (624nm)
Amber (591nm)
• Luminous Intensity (mcd)
CLM4B-RKB:(1120-2800)
CLM4B-AKB:(1120-2800)
• Lead - Free
• RoHS Compliant
APPLICATIONS
• Channel Letter
• Architectural Lighting


Similar Part No. - CLM4B-AKB-RKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM4B-AKB-CWaXb263 CREE-CLM4B-AKB-CWaXb263 Datasheet
655Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B-AKB-CWbXb353 CREE-CLM4B-AKB-CWbXb353 Datasheet
655Kb / 8P
PLCC4 1 in 1 SMD LED
More results

Similar Description - CLM4B-AKB-RKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLA1A-WKW CREE-CLA1A-WKW Datasheet
354Kb / 8P
PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A MARKTECH-CLA1A Datasheet
542Kb / 10P
PLCC4 1 in 1 SMD LED
CLA1A MARKTECH-CLA1A_15 Datasheet
542Kb / 10P
PLCC4 1 in 1 SMD LED
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B_15 Datasheet
446Kb / 8P
PLCC4 1-in-1 SMD LED
CLM4BAKB MARKTECH-CLM4BAKB_15 Datasheet
721Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
PLCC4 1-in-1 SMD LED
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
PLCC4 1 in 1 SMD LED
CLM4B-BKB CREE-CLM4B-BKB Datasheet
844Kb / 8P
PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com