Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B-AKB-RKB Datasheet(PDF) 2 Page - Cree LED

Part # CLM4B-AKB-RKB
Description  CLM4B-RKB/AKB: PLCC4 1 IN 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLM4B-AKB-RKB Datasheet(HTML) 2 Page - Cree LED

  CLM4B-AKB-RKB Datasheet HTML 1Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 2Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 3Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 4Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 5Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 6Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 7Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 8Page - Cree LED CLM4B-AKB-RKB Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CLM4B-RKB/AKB: PLCC4 1 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT992
REV 7
2
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
70
mA
Peak Forward Current Note1
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
210
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient
R
THJA
300
°C/W
Junction/Solder Point
R
THJS
150
°C/W
Electrostatic Discharge
Classification (MIL-STD-883E)
ESD
Class 2
Note:
1.
Pulse width ≤0.1 msec, duty ≤1/10.
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
RKB/AKB
V
F
I
F = 50 mA
V
2.4
3.0
Reverse Current
RKB/AKB
I
R
V
R = 5 V
μA
10
Dominant Wavelength
RKB
λ
D
I
F = 50 mA
nm
618
624
630
AKB
λ
D
I
F = 50 mA
nm
584
591
599
Luminous Intensity
RKB
I
V
I
F = 50 mA
mcd
1120
1600
AKB
I
V
I
F = 50 mA
mcd
1120
1500
*
Continuous reverse voltage can cause LED damage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com