Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5673R Datasheet (PDF) - Analog Devices

AD5673R Datasheet PDF - Analog Devices
Part # AD5673R
Download  AD5673R Download
File Size   1088.82 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface

AD5673R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5673R Datasheet PDF - Analog Devices

Part # AD5673R
Download  AD5673R Click to download

File Size   1088.82 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface

AD5673R Datasheet (HTML) - Analog Devices


AD5673R Product details

FEATURES
High performance
High relative accuracy (INL): ±4 LSB maximum at 16 bits (AD5677R only)
TUE: ±0.14% of FSR maximum
Offset error: ±1.5 mV maximum
Gain error: ±0.06% of FSR maximum
Low drift, 2.5 V voltage reference TC: 2 ppm/°C typical
40 mA short-circuit current
Wide operating ranges
−40°C to +125°C temperature range
2.7 V to 5.5 V power supply range
Simplified implementation
User selectable gain of 1 or 2 (GAIN pin)
1.8 V logic compatibility
400 kHz I2C-compatible serial interface
28-lead, 4 mm × 4 mm, RoHS compliant LFCSP
APPLICATIONS
Optical transceivers
Base station power amplifiers
Process control (programmable logic controller (PLC) input/output cards)
Industrial automation
Data acquisition systems




Similar Part No. - AD5673R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD567 ETC-AD567 Datasheet
508Kb / 12P
CORRECTION TO CASE OUTLINE DIMENSION
logo
Analog Devices
AD5671R AD-AD5671R Datasheet
841Kb / 32P
Base station power amplifiers
Rev. B
AD5671R AD-AD5671R Datasheet
1Mb / 28P
Easy implementation
Rev. B
AD5671R AD-AD5671R Datasheet
1Mb / 32P
16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
Rev. B
AD5671RBCPZ-REEL7 AD-AD5671RBCPZ-REEL7 Datasheet
841Kb / 32P
Base station power amplifiers
Rev. B
More results


Similar Description - AD5673R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5623R AD-AD5623R Datasheet
1Mb / 28P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
12/06-Rev. 0 to Rev. A
AD5313R AD-AD5313R Datasheet
698Kb / 28P
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5338R AD-AD5338R Datasheet
1Mb / 28P
Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5689R AD-AD5689R Datasheet
684Kb / 28P
Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5694ARUZ AD-AD5694ARUZ Datasheet
664Kb / 24P
Quad, 16-/12-Bit nanoDAC with I2C Interface
REV. A
AD5672R AD-AD5672R Datasheet
865Kb / 34P
Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
Rev. B
AD5696 AD-AD5696 Datasheet
748Kb / 24P
Quad 16-/12-Bit nanoDAC I2C Interface
11/2016-Rev. A to Rev. B
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
4/2017-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com