Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR4KB100-B Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

UR4KB100-B Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # UR4KB100-B
Download  UR4KB100-B Download
File Size   537.84 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 4A, 600V - 1000V Standard Bridge Rectifier

UR4KB100-B Datasheet (PDF)

Go To PDF Page Download Datasheet
UR4KB100-B Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # UR4KB100-B
Download  UR4KB100-B Click to download

File Size   537.84 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 4A, 600V - 1000V Standard Bridge Rectifier

UR4KB100-B Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


UR4KB100-B Product details

FEATURES
● Ideal for printed circuit board
● High case dielectric strength
● High surge current capability
● UL Recognized File # E-326243
● RoHS Compliant
● Halogen-free according to IEC 61249-2-21

APPLICATIONS
● Switching mode power supply
● Adapters
● Lighting application

MECHANICAL DATA
● Case: D3K
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 1A whisker test
● Mounting torque: 0.80 N⋅m maximum
● Polarity: As marked
● Weight: 1.24g (approximately)




Similar Part No. - UR4KB100-B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UR4KB100 TSC-UR4KB100 Datasheet
1Mb / 2P
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
UR4KB100 TSC-UR4KB100 Datasheet
144Kb / 2P
Single Phase 4.0Amps. Glass Passivated Bridge Rectifiers
UR4KB100 TSC-UR4KB100 Datasheet
199Kb / 3P
Glass Passivated Bridge Rectifiers
UR4KB100 TSC-UR4KB100 Datasheet
201Kb / 4P
Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
UR4KB100 ZSELEC-UR4KB100 Datasheet
118Kb / 2P
4.0A BRIDGE RECTIFIER
More results


Similar Description - UR4KB100-B

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S4VB60 SHINDENGEN-S4VB60 Datasheet
261Kb / 5P
Bridge Diode(600V 4A)
logo
TAITRON Components Inco...
TL400 TAITRON-TL400 Datasheet
140Kb / 5P
4A Bridge Rectifier
logo
Frontier Electronics.
BL4-005 FRONTIER-BL4-005 Datasheet
121Kb / 2P
4A BRIDGE RECTIFIER
BL4-06-BF52-LFR FRONTIER-BL4-06-BF52-LFR Datasheet
121Kb / 2P
4A BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
HER408 TSC-HER408 Datasheet
381Kb / 4P
4A, 1000V High Efficient Rectifier
logo
SeCoS Halbleitertechnol...
GBP4005 SECOS-GBP4005 Datasheet
347Kb / 2P
4A, 50V ~ 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR4KB60-B TSC-UR4KB60-B Datasheet
309Kb / 6P
4A, 600V - 1000V Glass Passivated Bridge Rectifier
UR8KB60 TSC-UR8KB60 Datasheet
303Kb / 5P
8A, 600V - 1000V Bridge Rectifier
KBPF404G TSC-KBPF404G Datasheet
362Kb / 5P
4A, 400V - 1000V Glass Passivated Bridge Rectifier
GBU401 TSC-GBU401_V01 Datasheet
275Kb / 7P
4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifier
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com