Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR4KB100-B Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # UR4KB100-B
Description  4A, 600V - 1000V Standard Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UR4KB100-B Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  UR4KB100-B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UR4KB100-B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UR4KB100-B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UR4KB100-B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd UR4KB100-B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UR4KB60-B
– UR4KB100-B
Taiwan Semiconductor
3
Version: D2104
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.1 Forward Current Derating Curve
Fig.2 Forward Power Dissipation
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.5 Maximum Non-Repetitive Forward Surge Current
0
1
2
3
4
5
0
25
50
75
100
125
150
Without heat sink
With heat sink
0
1
2
3
4
5
6
7
0
1
2
3
0.1
1
10
100
10
20
30
40
50
60
70
80
90 100
T
J=25°C
T
J=125°C
0.1
1
10
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Pulse width 300μs
1% duty cycle
T
J=25°C
T
J=125°C
0
15
30
45
60
75
90
105
120
135
150
1
10
100
8.3ms single half sine wave
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
0.001
0.01
0.1
1
10
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Pulse width
T
J=25°C
T
J=125°C
UF1DLW
FORWARD VOLTAGE (V)
FORWARD CURRENT (A)
CASE TEMPERATURE (°C)
NUMBER OF CYCLES AT 60 Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com