Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR4KB100-B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UR4KB100-B
Description  4A, 600V - 1000V Standard Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UR4KB100-B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UR4KB100-B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UR4KB100-B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UR4KB100-B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UR4KB100-B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd UR4KB100-B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UR4KB60-B
– UR4KB100-B
Taiwan Semiconductor
2
Version: D2104
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-lead thermal resistance
RӨJL
9.3
°C/W
Junction-to-ambient thermal resistance
RӨJA
14.0
°C/W
Junction-to-case thermal resistance
RӨJC
8.2
°C/W
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX
UNIT
Forward voltage per diode
(1)
IF = 2A,TJ = 25°C
VF
-
1
V
Reverse current @ rated VR per diode
(2)
TJ = 25°C
IR
-
10
µA
Notes:
1.
Pulse test with PW = 0.3ms
2.
Pulse test with PW = 30ms
ORDERING INFORMATION
ORDERING CODE(1)
PACKAGE
PACKING
UR4KBx-B
D3K
25 / Tube
Notes:
1.
“x” defines voltage from 600V(UR4KB60-B) to 1000V(UR4KB100-B)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com