Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTQ2102A Datasheet (PDF) - Richtek Technology Corporation

RTQ2102A Datasheet PDF - Richtek Technology Corporation
Part # RTQ2102A
Download  RTQ2102A Download
File Size   1352.2 Kbytes
Page   21 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.5A, 6V, Low IQ ACOT® Synchronous Step-Down Converter

RTQ2102A Datasheet (PDF)

Go To PDF Page Download Datasheet
RTQ2102A Datasheet PDF - Richtek Technology Corporation

Part # RTQ2102A
Download  RTQ2102A Click to download

File Size   1352.2 Kbytes
Page   21 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.5A, 6V, Low IQ ACOT® Synchronous Step-Down Converter

RTQ2102A Datasheet (HTML) - Richtek Technology Corporation


RTQ2102A Product details

General Description
The RTQ2102A and RTQ2102B are 1.5A, high-efficiency,
Advanced Constant-On-Time (ACOT®
) synchronous stepdown converters. The device operates with input
voltages from 3V to 6V. The device can program the
output voltage between 0.45V to VIN. The low quiescent
current design with the integrated low RDS(ON) power
MOSFETs achieves high efficiency over the wide load
range. The advanced COT operation allows transient
responses to be optimized over a wide range of loads,
and output capacitors to efficiently reduce external
component count. The RTQ2102A and RTQ2102B
provide up to 2.7MHz switching frequency to minimize
the size of output inductor and capacitors.
The RTQ2102A and RTQ2102B provide complete
protection functions such as input undervoltage lockout,
output undervoltage protection, overcurrent protection,
and thermal shutdown.
The cycle-by-cycle current limit provides protection
against shorted outputs and soft-start eliminates input
current surge during start-up. The RTQ2102A and
RTQ2102B are available in WDFN-8L 3x3 package.

Features
⚫ AEC-Q100 Grade 1 Qualified
⚫ Input Supply Voltage Range: 3V to 6V
⚫ Output Voltage Range: 0.45V to VIN
⚫ 1.5A Converter Integrated 110m and 90m FETS
in WDFN-8L 3x3 Package
⚫ Advanced Constant On-Time (ACOT®
) Control
 Ultrafast Transient Response
 No Needs for External Compensations
 Optimized for Low-ESR Ceramic Output
Capacitors
⚫ Low Quiescent Current: 30A
⚫ Steady Switching Frequency: 2.7MHz
 Automatic Power Saving Mode (PSM)
⚫ Input Undervoltage Lockout (UVLO)
⚫ Output Undervoltage Protection (UVP) with
Hiccup Mode
⚫ Over-Temperature Protection (OTP)
⚫ Power Good Indication

Applications
⚫ Mobile Phones and Handheld Devices
⚫ STB, Cable Modem, and xDSL Platforms
⚫ WLAN ASIC Power/Storage (SSD and HDD)
⚫ General Purpose for POL LV Buck Converter
⚫ Automotive Infotainment
⚫ Automotive Instrument Clusters & HUD
⚫ Car Connectivity




Similar Part No. - RTQ2102A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTQ2102A-QA RICHTEK-RTQ2102A-QA Datasheet
254Kb / 16P
1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
RTQ2102AGQW-QA RICHTEK-RTQ2102AGQW-QA Datasheet
254Kb / 16P
1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
More results


Similar Description - RTQ2102A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2012 MPS-MP2012 Datasheet
328Kb / 10P
Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
ACOT Synchronous Step-Down Converter
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
ACOT Synchronous Step-Down Converter
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
RTQ2102A-QA RICHTEK-RTQ2102A-QA Datasheet
254Kb / 16P
1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com