Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1561 Datasheet (PDF) - NXP Semiconductors

TDA1561 Datasheet PDF - NXP Semiconductors
Part # TDA1561
Download  TDA1561 Download
File Size   244.1 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 x 23 W high efficiency car radio power amplifier

TDA1561 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1561 Datasheet PDF - NXP Semiconductors

Part # TDA1561
Download  TDA1561 Click to download

File Size   244.1 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 x 23 W high efficiency car radio power amplifier

TDA1561 Datasheet (HTML) - NXP Semiconductors


TDA1561 Product details

GENERAL DESCRIPTION

The TDA1561Q is a monolithic power amplifier in a 13 lead single-in-line (SIL) plastic power package. It contains two identical 23 W amplifiers. The dissipation is minimized by switching from SE to BTL mode, only when a higher output voltage swing is needed. The device is primarily developed for car radio applications.



FEATURES

• Low dissipation due to switching from Single-Ended (SE) to Bridge-Tied Load (BTL) mode

• High Common Mode Rejection Ratio (CMRR)

• Mute/standby/operating/SE-only (mode select pin)

• Zero crossing mute and standby circuit

• Load dump protection circuit

• Short-circuit safe to ground, to supply voltage and across load

• Loudspeaker protection circuit

• Device switches to single-ended operation at excessive junction temperatures.




Similar Part No. - TDA1561

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1560 PHILIPS-TDA1560 Datasheet
116Kb / 16P
40 W car radio high power amplifier
1996 May 14
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
40 W car radio high power amplifier
1996 May 14
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q PHILIPS-TDA1562Q Datasheet
124Kb / 20P
70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
TDA1562Q NXP-TDA1562Q Datasheet
129Kb / 24P
70 W high efficiency power amplifier with diagnostic facility
2003 Feb 12
More results


Similar Description - TDA1561

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
2 x 6 W stereo car radio power amplifier
May 1992
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
40 W car radio high power amplifier
1996 May 14
TDA1563Q PHILIPS-TDA1563Q Datasheet
268Kb / 32P
2 x 25 W high efficiency car radio power amplifier
2000 Feb 09
TDA1564 PHILIPS-TDA1564 Datasheet
224Kb / 30P
High efficiency 2 X 25 W/4 stereo car radio power amplifier
2004 Jan 27
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
logo
STMicroelectronics
TDA7375AV STMICROELECTRONICS-TDA7375AV_12 Datasheet
399Kb / 20P
2 x 37 W dual/quad power amplifier for car radio
13-Feb-2012
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
2 x 35 W power amplifier for car radio
11-Dec-2009
logo
NXP Semiconductors
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com