Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1561 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA1561
Description  2 x 23 W high efficiency car radio power amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1561 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1561 Datasheet HTML 4Page - NXP Semiconductors TDA1561 Datasheet HTML 5Page - NXP Semiconductors TDA1561 Datasheet HTML 6Page - NXP Semiconductors TDA1561 Datasheet HTML 7Page - NXP Semiconductors TDA1561 Datasheet HTML 8Page - NXP Semiconductors TDA1561 Datasheet HTML 9Page - NXP Semiconductors TDA1561 Datasheet HTML 10Page - NXP Semiconductors TDA1561 Datasheet HTML 11Page - NXP Semiconductors TDA1561 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1997 Aug 14
8
Philips Semiconductors
Preliminary specification
2
× 23 W high efficiency car radio power
amplifier
TDA1561Q
DC CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; measured in Fig.6; unless otherwise specified.
Note
1. The circuit is DC biased at VP = 6 to 18 V and AC operating at VP =8to18V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP
supply voltage
note 1
6.0
14.4
18.0
V
Iq
quiescent current
RL = ∞−
95
150
mA
Istb
standby current
−
150
µA
VC
average electrolytic capacitor
voltage at pin 11
−
7.1
−
V
∆V
O
DC output offset voltage
on state
−−
150
mV
mute state
−−
50
mV
Mode select switch (see Fig.4)
Vms
voltage at mode select pin
(pin 3)
standby condition
0
−
1V
mute condition
2
−
3V
on condition (SE/BTL mode)
4
−
5.5
V
on condition (SE mode only)
7.5
−
VP
V
Ims
switch current through pin 3
Vms =5V
−−
40
µA
Protection
Tdis
BTL disable temperature
−
145
−°C
Fig.4 Switching levels of mode select switch.
handbook, halfpage
,,,,,,,
,,,,,,,
,,,,,,,
0
MLD216
V
1
2
3
4
5
6
7
8
P
SE Only
,,,,,,,
,,,,,,,
SE/BTL
,,,,,,,
,,,,,,,
,,,,,,,
Standby
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com