Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1561 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA1561
Description  2 x 23 W high efficiency car radio power amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1561 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA1561 Datasheet HTML 14Page - NXP Semiconductors TDA1561 Datasheet HTML 15Page - NXP Semiconductors TDA1561 Datasheet HTML 16Page - NXP Semiconductors TDA1561 Datasheet HTML 17Page - NXP Semiconductors TDA1561 Datasheet HTML 18Page - NXP Semiconductors TDA1561 Datasheet HTML 19Page - NXP Semiconductors TDA1561 Datasheet HTML 20Page - NXP Semiconductors TDA1561 Datasheet HTML 21Page - NXP Semiconductors TDA1561 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1997 Aug 14
18
Philips Semiconductors
Preliminary specification
2
× 23 W high efficiency car radio power
amplifier
TDA1561Q
Fig.15 IP as a function of Vms (pin 3).
handbook, halfpage
02
8
6
off
mute
VMODE (V)
IP
(mA)
160
0
40
80
120
4
MBH696
SE/BTL
SE only
VP = 14.4 V; Vin = 0 mV; RI = ∞.
Fig.16 Ims as a function of Vms.
handbook, halfpage
02
8
6
VMODE (V)
IMODE
(
µA)
80
64
0
16
32
48
4
MBH697
Fig.17 Output power as a function of VP.
handbook, halfpage
8.4
10.8
18
15.6
(3)
(2)
(1)
VP (V)
Po
(W)
60
0
20
40
13.2
MBH698
Both channels driven.
(1) EIAJ.
(2) THD = 10%.
(3) THD = 1%.
Fig.18 THD + noise as a function of Po.
handbook, halfpage
102
10
1
10−1
10−2
MBH699
10−2
10−1
1
THD
+ N
(%)
10
Po (W)
102
(1)
(2)
(3)
(1) f = 10 kHz.
(2) f = 1 kHz.
(3) f = 100 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com