Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1561 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA1561
Description  2 x 23 W high efficiency car radio power amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1561 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA1561 Datasheet HTML 16Page - NXP Semiconductors TDA1561 Datasheet HTML 17Page - NXP Semiconductors TDA1561 Datasheet HTML 18Page - NXP Semiconductors TDA1561 Datasheet HTML 19Page - NXP Semiconductors TDA1561 Datasheet HTML 20Page - NXP Semiconductors TDA1561 Datasheet HTML 21Page - NXP Semiconductors TDA1561 Datasheet HTML 22Page - NXP Semiconductors TDA1561 Datasheet HTML 23Page - NXP Semiconductors TDA1561 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
1997 Aug 14
21
Philips Semiconductors
Preliminary specification
2
× 23 W high efficiency car radio power
amplifier
TDA1561Q
Fig.25 Output waveforms.
handbook, full pagewidth
MBH691
0
1
2
t (ms)
3
1/2 VP
1/2 VP
0
−VP
VP
VP
0
VP
Vload
(1)
(2)
(3)
Vmaster
Vslave
0
See Fig.5:
Vload =V6 − V5 or V8 − V9
Vmaster =V6 or V8
Vslave =V5 or V9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com