Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1563 Datasheet (PDF) - NXP Semiconductors

TDA1563 Datasheet PDF - NXP Semiconductors
Part # TDA1563
Download  TDA1563 Download
File Size   268.62 Kbytes
Page   32 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 x 25 W high efficiency car radio power amplifier

TDA1563 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1563 Datasheet PDF - NXP Semiconductors

Part # TDA1563
Download  TDA1563 Click to download

File Size   268.62 Kbytes
Page   32 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2 x 25 W high efficiency car radio power amplifier

TDA1563 Datasheet (HTML) - NXP Semiconductors


TDA1563 Product details

GENERAL DESCRIPTION

The TDA1563Q is a monolithic power amplifier in a 17-lead DIL-bent-SIL plastic power package. It contains two identical 25 W amplifiers. The dissipation is minimized by switching from SE to BTL mode when a higher output voltage swing is needed. The device is primarily developed for car radio applications.



FEATURES

• Low dissipation due to switching from Single-Ended (SE) to Bridge-Tied Load (BTL) mode

• Differential inputs with high Common Mode Rejection Ratio (CMRR)

• Mute/standby/operating (mode select pin)

• Zero crossing mute circuit

• Load dump protection circuit

• Short-circuit safe to ground, to supply voltage and across load

• Loudspeaker protection circuit

• Device switches to SE operation at excessive junction temperatures

• Thermal protection at high junction temperature (170°C)

• Diagnostic information (clip detection and protection/temperature)

• Clipping information can be selected between THD = 2.5% or 10%



 




Similar Part No. - TDA1563

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1560 PHILIPS-TDA1560 Datasheet
116Kb / 16P
40 W car radio high power amplifier
1996 May 14
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
40 W car radio high power amplifier
1996 May 14
TDA1561 PHILIPS-TDA1561 Datasheet
244Kb / 24P
2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA1562 PHILIPS-TDA1562 Datasheet
124Kb / 20P
70 W high efficiency power amplifier with diagnostic facility
1998 Apr 07
More results


Similar Description - TDA1563

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1519 PHILIPS-TDA1519 Datasheet
84Kb / 10P
2 x 6 W stereo car radio power amplifier
May 1992
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1561Q PHILIPS-TDA1561Q Datasheet
244Kb / 24P
2 x 23 W high efficiency car radio power amplifier
1997 Aug 14
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA1564 PHILIPS-TDA1564 Datasheet
224Kb / 30P
High efficiency 2 X 25 W/4 stereo car radio power amplifier
2004 Jan 27
TDA1565TH PHILIPS-TDA1565TH Datasheet
236Kb / 27P
High efficiency 2 x 40 W / 2 ohm stereo car radio power amplifier
2004 Jan 27
logo
STMicroelectronics
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
2 x 35 W power amplifier for car radio
11-Dec-2009
logo
NXP Semiconductors
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com