Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AVC4T245L-S16-R Datasheet (PDF) - Unisonic Technologies

U74AVC4T245L-S16-R Datasheet PDF - Unisonic Technologies
Part # U74AVC4T245L-S16-R
Download  U74AVC4T245L-S16-R Download
File Size   344.41 Kbytes
Page   16 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4 BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS

U74AVC4T245L-S16-R Datasheet (PDF)

Go To PDF Page Download Datasheet
U74AVC4T245L-S16-R Datasheet PDF - Unisonic Technologies

Part # U74AVC4T245L-S16-R
Download  U74AVC4T245L-S16-R Click to download

File Size   344.41 Kbytes
Page   16 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4 BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS

U74AVC4T245L-S16-R Datasheet (HTML) - Unisonic Technologies


U74AVC4T245L-S16-R Product details

 DESCRIPTION
The UTC U74AVC4T245 is an 4-bit dual supply transceiver that
enables bidirectional level translation. The A port is designed to track
VCCA. VCCA accepts any supply voltage from 1.2V to 3.6V. The B port
is designed to track VCCB. VCCB accepts any supply voltage from 1.2V
to 3.6V. The UTC U74AVC4T245 is optimized to operate with
VCCA/VCCB set at 1.4V to 3.6V. It is operational with VCCA/VCCB as low
as 1.2V. This allows for universal low-voltage bidirectional translation
between any of the 1.2V, 1.5V, 1.8V, 2.5V and 3.3V voltage nodes.
SOP-16 TSSOP-16
X1QFN-16(1.8×2.6)
1
The UTC U74AVC4T245 device is designed for asynchronous communication between two data buses. The
logic levels of the direction-control (DIR) input and the output-enable ( OE ) input activate either the B-port outputs or
the A-port outputs or place both output ports into the high-impedance mode. The device transmits data from the A
bus to the B bus when the B-port outputs are activated, and from the B bus to the A bus when the A-port outputs
are activated. The input circuitry on both A and B ports is always active and must have a logic HIGH or LOW level
applied to prevent excess ICC and ICCZ.
The UTC U74AVC4T245 device is designed so that the control pins (1DIR, 2DIR, 1 OE and 2 OE ) are supplied
by VCCA. This device is fully specified for partial-power-down applications using IOFF. The IOFF circuitry disables the
outputs, preventing any damaging current backflow through the device when it is powered down.
The VCC isolation feature ensures that if either VCC input is at GND, then both ports are in the high- impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.

 FEATURES
* Operation Voltage Range: 1.2~3.6V
* Control Inputs VIH / VIL Levels Are Referenced to VCCA Voltage
* I/Os Are 4.6V Tolerant
* IOFF Supports Partial Power Down Mode Operation




Similar Part No. - U74AVC4T245L-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AC00 UTC-U74AC00 Datasheet
160Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AC00G-P14-R UTC-U74AC00G-P14-R Datasheet
194Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AC00G-S14-R UTC-U74AC00G-S14-R Datasheet
194Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AC00 UTC-U74AC00_15 Datasheet
194Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AC04 UTC-U74AC04 Datasheet
162Kb / 6P
HEX INVERTERS
More results


Similar Description - U74AVC4T245L-S16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC4T245 TI-SN74AVC4T245 Datasheet
397Kb / 18P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_07 Datasheet
716Kb / 24P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com