Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF634L-S08-R Datasheet (PDF) - Unisonic Technologies

UF634L-S08-R Datasheet PDF - Unisonic Technologies
Part # UF634L-S08-R
Download  UF634L-S08-R Download
File Size   724.16 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description ADVANCED POWER MOSFET

UF634L-S08-R Datasheet (PDF)

Go To PDF Page Download Datasheet
UF634L-S08-R Datasheet PDF - Unisonic Technologies

Part # UF634L-S08-R
Download  UF634L-S08-R Click to download

File Size   724.16 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description ADVANCED POWER MOSFET

UF634L-S08-R Datasheet (HTML) - Unisonic Technologies


UF634L-S08-R Product details

 DESCRIPTION
The UTC UF634-HC is a N-channel Power MOSFET and it
uses UTC advanced technology to provide customers with lower
RDS(ON), improved gate charge and so on.

 FEATURES
* RDS(ON) ≤ 0.45 Ω @ VGS=10V, ID=4.0A
* Lower Input Capacitance
* Improved Gate Charge
* Lower Leakage Current: 10μA (MAX.) @ VDS = 250V
* Avalanche Rugged Technology
* Rugged Gate Oxide Technology
* Extended Safe Operating Area




Similar Part No. - UF634L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF634L-TA3-T UTC-UF634L-TA3-T Datasheet
185Kb / 6P
ADVANCED POWER MOSFETADVANCED POWER MOSFET
UF634L-TA3-T UTC-UF634L-TA3-T Datasheet
414Kb / 9P
ADVANCED POWER MOSFET
UF634L-TF1-T UTC-UF634L-TF1-T Datasheet
185Kb / 6P
ADVANCED POWER MOSFETADVANCED POWER MOSFET
UF634L-TF1-T UTC-UF634L-TF1-T Datasheet
414Kb / 9P
ADVANCED POWER MOSFET
UF634L-TF3-T UTC-UF634L-TF3-T Datasheet
414Kb / 9P
ADVANCED POWER MOSFET
More results


Similar Description - UF634L-S08-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRLZ44A SAMSUNG-IRLZ44A Datasheet
451Kb / 9P
ADVANCED POWER MOSFET
logo
Fairchild Semiconductor
IRF530A FAIRCHILD-IRF530A Datasheet
254Kb / 7P
Advanced Power MOSFET
IRF540A FAIRCHILD-IRF540A Datasheet
256Kb / 7P
Advanced Power MOSFET
IRFS150A FAIRCHILD-IRFS150A Datasheet
259Kb / 7P
Advanced Power MOSFET
IRFS520A FAIRCHILD-IRFS520A Datasheet
251Kb / 7P
Advanced Power MOSFET
IRLRU130A FAIRCHILD-IRLRU130A Datasheet
267Kb / 9P
Advanced Power MOSFET
IRLWI520A FAIRCHILD-IRLWI520A Datasheet
233Kb / 7P
Advanced Power MOSFET
IRLWI640A FAIRCHILD-IRLWI640A Datasheet
227Kb / 7P
Advanced Power MOSFET
IRLW630A FAIRCHILD-IRLW630A Datasheet
226Kb / 7P
ADVANCED POWER MOSFET
SSU2N80A FAIRCHILD-SSU2N80A Datasheet
258Kb / 7P
Advanced Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com