Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF634L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF634L-S08-R
Description  ADVANCED POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF634L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UF634L-S08-R Datasheet HTML 1Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 2Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 3Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 4Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 5Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 6Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 7Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 8Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UF634-HC
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-B85.D
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Gate-to-Source Voltage
VGS
±30
V
Drain-to-Source Voltage
VDSS
250
V
Continuous Drain Current
ID
8.1
A
Drain Current-Pulsed (Note 2)
IDM
32.4
A
Single Pulsed Avalanche Energy (Note 3)
EAS
217
mJ
Power Dissipation
TO-220
PD
70
W
TO-220F
38
W
TO-252
50
W
SOP-8
5
W
Operating Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
3. L=30mH, IAS=3.8A, VDD=50V, RG=27Ω, Starting TJ =25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
TO-220
TO-220F
θJA
62.5
°C/W
TO-252
110
°C/W
SOP-8
90
°C/W
Junction to Case
TO-220
θJC
1.01
°C/W
TO-220F
3.2
°C/W
TO-252
2.5 (Note)
°C/W
SOP-8
24 (Note)
°C/W
Note: Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com