Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF634L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UF634L-S08-R
Description  ADVANCED POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF634L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UF634L-S08-R Datasheet HTML 1Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 2Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 3Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 4Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 5Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 6Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 7Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 8Page - Unisonic Technologies UF634L-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UF634-HC
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-B85.D
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
250
V
Drain-Source Leakage Current
IDSS
VDS=250V
10
µA
Gate- Source Leakage Current
IGSS
VGS=±30V
±100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=4.0A
0.45
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
435
pF
Output Capacitance
COSS
72
pF
Reverse Transfer Capacitance
CRSS
5
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDS=200V, ID=8.1A
(Note 1, 2)
10
nC
Gate to Source Charge
QGS
3
nC
Gate to Drain Charge
QGD
1.8
nC
Turn-ON Delay Time
tD(ON)
VDD=100V, ID=8.1A, RG=25Ω
(Note 1, 2)
7
ns
Rise Time
tR
17
ns
Turn-OFF Delay Time
tD(OFF)
26
ns
Fall-Time
tF
19
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
8.1
A
Pulsed-Source Current (Note 1)
ISM
32.4
A
Drain-Source Diode Forward Voltage
(Note 2)
VSD
IS=8.1A, VGS=0V, TJ=25°C
1.5
V
Reverse Recovery Time (Note 1)
trr
IS =6.0A, VGS=0V,
dIF/dt=100A/µs
115
ns
Reverse Recovery Charge
Qrr
1.05
µC
Note: 1. Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature.
2. Pulse Test: Pulse Width = 250µs, Duty Cycle ≤2%.
3. Essentially Independent of Operating Temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com