Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5845 Datasheet (PDF) - Excelliance MOS Corp.

EM5845 Datasheet PDF - Excelliance MOS Corp.
Part # EM5845
Download  EM5845 Download
File Size   1838.67 Kbytes
Page   13 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 5V, 3.5A, 1MHz, High Efficiency COT Mode Synchronous Buck Converter

EM5845 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM5845 Datasheet PDF - Excelliance MOS Corp.

Part # EM5845
Download  EM5845 Click to download

File Size   1838.67 Kbytes
Page   13 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 5V, 3.5A, 1MHz, High Efficiency COT Mode Synchronous Buck Converter

EM5845 Datasheet (HTML) - Excelliance MOS Corp.


EM5845 Product details

General Description
The EM5845 is a high efficiency synchronous buck converter.
It can support 3.5A continuous output current. The constant
on-time control provides fast transient response and allows a
small footprint when designed all ceramic output capacitors.
Other features include internal soft-start, under-voltage
protection, over-voltage protection, cycle-by-cycle current
limit and thermal shutdown function. With aforementioned
functions, these parts provide customers a compact, high
efficiency, well-protected and cost-effective solutions. These
parts are available in DFN3X3 package.

Applications
 Notebook & Tablet
 Graphic Cards & MB
 Low Voltage Logic Supplies
 Chipset Supplies
 Server System
 SMPS Post Regulators

Features
 Constant On Time Control
 2.7V to 5.5V Operating Input Range
 0.6V, 1% Voltage Reference Accuracy
 Up to 3.5A Output Current
 Stable with Low ESR Output Ceramic Capacitors
 Default 1 MHz frequency operation
 Internal Soft Start / Soft Stop
 80m and 40m Internal Power MOSFET Switches
 Cycle-by-Cycle Current Limit
 Output Under Voltage Protection
 Output Over Voltage Protection
 Power Good Indicator for Power Sequence Control
 Available in a DFN3X3 Packag




Similar Part No. - EM5845

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM584161 ETRON-EM584161 Datasheet
249Kb / 13P
256K x 16 Low Power SRAM
EM584161BA-70 ETRON-EM584161BA-70 Datasheet
249Kb / 13P
256K x 16 Low Power SRAM
EM584161BA-70E ETRON-EM584161BA-70E Datasheet
249Kb / 13P
256K x 16 Low Power SRAM
EM584161BA-85 ETRON-EM584161BA-85 Datasheet
249Kb / 13P
256K x 16 Low Power SRAM
EM584161BA-85E ETRON-EM584161BA-85E Datasheet
249Kb / 13P
256K x 16 Low Power SRAM
More results


Similar Description - EM5845

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
High Efficiency 1MHz Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
3.2A, 5V, 1MHz Synchronous Buck Converter
APW7325 ANPEC-APW7325 Datasheet
267Kb / 16P
5A 5V 1MHz Synchronous Buck Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
3A 5V 1MHz Synchronous Buck Converter
APW8805A ANPEC-APW8805A Datasheet
389Kb / 19P
3A 5V 1MHz Synchronous Buck Converter
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
uPI Group Inc.
UP9617 UPI-UP9617 Datasheet
214Kb / 15P
1MHz, 2.0A, High-Efficiency Synchronous-Rectified Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com