Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMS2X1H Datasheet (PDF) - MultiDimension Technology Co.,Ltd.

MMS2X1H Datasheet PDF - MultiDimension Technology Co.,Ltd.
Part # MMS2X1H
Download  MMS2X1H Download
File Size   466.48 Kbytes
Page   5 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description MMS2X1H Ultra-Low Power TMR Omnipolar Switch

MMS2X1H Datasheet (PDF)

Go To PDF Page Download Datasheet
MMS2X1H Datasheet PDF - MultiDimension Technology Co.,Ltd.

Part # MMS2X1H
Download  MMS2X1H Click to download

File Size   466.48 Kbytes
Page   5 Pages
Manufacturer  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
Direct Link  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.
Description MMS2X1H Ultra-Low Power TMR Omnipolar Switch

MMS2X1H Datasheet (HTML) - MultiDimension Technology Co.,Ltd.


MMS2X1H Product details

Features and Benefits
 Tunneling Magnetoresistance (TMR) Technology
 Ultra Low Power Consumption at 1.5μA
 High Frequency Response up to 1kHz
 Operation with North or South Pole
 Low Operate Points for High Sensitivity
 Compatible with a Wide Range of Supply Voltages
 Excellent Thermal Stability
 High Tolerance to External Magnetic Field Interference

Applications
 Utility Meters including
Water, Gas, and Heat Meters
 Proximity Switches
 Speed Sensing
 Rotary and Linear Position
Sensing

General Description
The MMS2X1H is a digital omnipolar magnetic switch that integrates TMR and CMOS
technology in order to provide a magnetically triggered digital switch with high sensitivity, high
speed, and ultra-low power consumption. It integrates a push-pull half-bridge TMR magnetic sensor
and CMOS signal processing circuitry within the same package. Designed for use in applications
that are both power-critical and performance-demanding, this device includes an on-chip TMR
voltage generator for precise magnetic sensing, TMR voltage amplifier and comparator, a Schmitt
trigger to provide switching hysteresis for noise rejection, and CMOS push-pull output. An internal
band gap regulator is used to provide temperature compensated supply voltage for internal circuits,
and it allows a wide range of operating supply voltages. The MMS2X1H draws only 1.5μA
resulting in ultra-low power operation, additionally it has fast response, accurate switching points,
excellent thermal stability, and immunity to stray field interference. It is available in two packaging
form factors: SOT23-3 (P/N MMS2X1HS), or TO-92S (P/N MMS2X1HT).




Similar Part No. - MMS2X1H

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
MMS201H MULTIDIMENSION-MMS201H Datasheet
445Kb / 5P
MMS201H TMR Omnipolar Switch
Ver. 1.1
logo
List of Unclassifed Man...
MMS2214 ETC2-MMS2214 Datasheet
149Kb / 2P
Microminiature Slide Switches
MMS22R ETC2-MMS22R Datasheet
149Kb / 2P
Microminiature Slide Switches
MMS23R ETC2-MMS23R Datasheet
149Kb / 2P
Microminiature Slide Switches
More results


Similar Description - MMS2X1H

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
TMR1303 AEC-TMR1303 Datasheet
406Kb / 6P
TMR Omnipolar Switch
TMR1341 AEC-TMR1341 Datasheet
320Kb / 5P
TMR Omnipolar Switch
logo
Diodes Incorporated
AH1913 DIODES-AH1913 Datasheet
402Kb / 10P
ULTRA HIGH SENSITIVITY DIGITAL OMNIPOLAR HALL-EFFECT SWITCH
March 2019 Rev. 2 - 2
logo
MultiDimension Technolo...
AMR1320S MULTIDIMENSION-AMR1320S Datasheet
1Mb / 9P
360°, Ultra-Low Power, Omnipolar Switch Sensor
Version 2.0
TMR1303B MULTIDIMENSION-TMR1303B Datasheet
646Kb / 5P
TMR Omnipolar Switch
V1.1
TMR1305 MULTIDIMENSION-TMR1305 Datasheet
437Kb / 5P
TMR Z-Axis Omnipolar Switch
V1.2
TMR1309 MULTIDIMENSION-TMR1309 Datasheet
592Kb / 5P
TMR Omnipolar Switch
V1.2
TMR1383S MULTIDIMENSION-TMR1383S Datasheet
1Mb / 10P
High-Voltage TMR Omnipolar Switch
Version 2.0.1
TMR1302B MULTIDIMENSION-TMR1302B Datasheet
514Kb / 5P
TMR Omnipolar Switch
V1.0a
TMR138X MULTIDIMENSION-TMR138X Datasheet
1Mb / 10P
High-Voltage TMR Omnipolar Switch
Version 2.0.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com