Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD8526 Datasheet (PDF) - Leadtrend Technology

LD8526 Datasheet PDF - Leadtrend Technology
Part # LD8526
Download  LD8526 Download
File Size   764.73 Kbytes
Page   13 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Synchronous Rectification Driver with Green Mode Function

LD8526 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD8526 Datasheet PDF - Leadtrend Technology

Part # LD8526
Download  LD8526 Click to download

File Size   764.73 Kbytes
Page   13 Pages
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology
Description Synchronous Rectification Driver with Green Mode Function

LD8526 Datasheet (HTML) - Leadtrend Technology


LD8526 Product details

General Description
LD8526 is a secondary side synchronous rectification (SR)
driver IC. It is suited for flyback low side and high side
synchronous rectification in CCM, DCM and QR mode. For
forward freewheeling rectification application, LD8526 can
be applied in CCM and DCM operation.
In light load condition, LD8526 will enter green mode to
reduce operation current by stopping SR MOSFET driving
function.
LD8526 can generate its own supply voltage through low
output voltage or high side rectification applications to
charge battery.

Features
 Suited for low side and high side flyback synchronous
rectification in CCM, DCM and QR(valley lock) mode
 Suited for forward freewheeling rectification in CCM
and DCM
 Self-supplying for operation with low output voltage
and/or high–side rectification without an auxiliary
winding.
 Suited for primary side with peak load function (max.
frequency 130kHz)
 Suited for PD application, which output voltage range
from 3V to 21V, and VCC range from 3V to 6V.
 Programmable turn-off level
 Fast turn-off total delay of 30ns
 200A ultra-low green mode operation current
 Gate source/sink capability: 0.5A/-3A

Applications
 Switching AC/DC adaptor and battery charger
 Open frame switching power supply




Similar Part No. - LD8526

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD8526S LEADTREND-LD8526S Datasheet
690Kb / 14P
Synchronous Rectification Driver
REV. 00
LD8526SGL LEADTREND-LD8526SGL Datasheet
690Kb / 14P
Synchronous Rectification Driver
REV. 00
LD8526U1 LEADTREND-LD8526U1 Datasheet
478Kb / 14P
Synchronous Rectification Driver with Green Mode Function
REV. 00
LD8526U1GL LEADTREND-LD8526U1GL Datasheet
478Kb / 14P
Synchronous Rectification Driver with Green Mode Function
REV. 00
More results


Similar Description - LD8526

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3703PBF IRF-IRF3703PBF_15 Datasheet
188Kb / 9P
Synchronous Rectification
IRFP3703PBF IRF-IRFP3703PBF_15 Datasheet
220Kb / 9P
Synchronous Rectification
logo
ON Semiconductor
NCP4305 ONSEMI-NCP4305 Datasheet
702Kb / 52P
Secondary Side Synchronous Rectification Driver
June, 2015 ??Rev. 1
logo
STMicroelectronics
STEVAL-ISA049V1 STMICROELECTRONICS-STEVAL-ISA049V1 Datasheet
172Kb / 4P
Synchronous rectification
01-Jul-2009
STEVAL-ISA055V1 STMICROELECTRONICS-STEVAL-ISA055V1 Datasheet
78Kb / 4P
Synchronous rectification
18-Sep-2008
STODD01 STMICROELECTRONICS-STODD01 Datasheet
1Mb / 31P
Synchronous rectification
28-Feb-2011
ST2S06 STMICROELECTRONICS-ST2S06 Datasheet
339Kb / 18P
Synchronous rectification
22-May-2013
logo
ON Semiconductor
NCP4306 ONSEMI-NCP4306 Datasheet
1Mb / 49P
Secondary Side Synchronous Rectification Driver
December, 2017 ??Rev. 1
logo
Renesas Technology Corp
HIP2106A RENESAS-HIP2106A Datasheet
242Kb / 2P
Low Voltage Driver for Synchronous Rectification
HIP2105 RENESAS-HIP2105 Datasheet
996Kb / 17P
Low Voltage Driver for Synchronous Rectification
Jun 6, 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com