Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5503E Datasheet (PDF) - Microsemi Corporation

LX5503E Datasheet PDF - Microsemi Corporation
Part # LX5503E
Download  LX5503E Download
File Size   239.71 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaP HBT 4 - 6GHz Power Amplifier

LX5503E Datasheet (PDF)

Go To PDF Page Download Datasheet
LX5503E Datasheet PDF - Microsemi Corporation

Part # LX5503E
Download  LX5503E Click to download

File Size   239.71 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaP HBT 4 - 6GHz Power Amplifier

LX5503E Datasheet (HTML) - Microsemi Corporation


LX5503E Product details

The LX5503E is a power amplifier optimized for high-efficiency low power applications in the FCC Unlicensed National Information Infrastructure (U-NII) band, Europe HyperLAN2, and Japan WLAN in the 4.9-5.85GHz frequency range. The PA is implemented as a two-stage monolithic microwave integrated circuit (MMIC) with active bias and input/output pre-matching. The device is manufactured with an InGaP/GaAs Heterojunction Bipolar Transistor (HBT) IC process (MOCVD). It operates at a single supply of 3.3V with +26dBm of P1dB, and power gain of 21dB between 4.9-5.35GHz and 16dB up to 5.85GHz.



 




Similar Part No. - LX5503E

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5503 MICROSEMI-LX5503 Datasheet
473Kb / 13P
InGaP HBT 5-6GHz Power Amplifier
LX5503 MICROSEMI-LX5503 Datasheet
428Kb / 13P
InGaP HBT 5-6GHz Power Amplifier
LX5503-LQ MICROSEMI-LX5503-LQ Datasheet
473Kb / 13P
InGaP HBT 5-6GHz Power Amplifier
LX5503LQ MICROSEMI-LX5503LQ Datasheet
428Kb / 13P
InGaP HBT 5-6GHz Power Amplifier
LX5503LQ-TR MICROSEMI-LX5503LQ-TR Datasheet
428Kb / 13P
InGaP HBT 5-6GHz Power Amplifier
More results


Similar Description - LX5503E

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5503 MICROSEMI-LX5503 Datasheet
473Kb / 13P
InGaP HBT 5-6GHz Power Amplifier
LX5506E MICROSEMI-LX5506E Datasheet
326Kb / 7P
InGaP HBT 4 - 6GHz Power Amplifier
LX5506B MICROSEMI-LX5506B Datasheet
200Kb / 7P
InGaP HBT 4 6GHz Power Amplifier
LX5506 MICROSEMI-LX5506 Datasheet
506Kb / 10P
InGaP HBT 4.5 - 6GHz Power Amplifier
LX5506M MICROSEMI-LX5506M Datasheet
71Kb / 2P
InGaP HBT 4.5 - 6GHz Power Amplifier
logo
RF Micro Devices
SBB-4000 RFMD-SBB-4000 Datasheet
199Kb / 6P
0.05GHZ TO 6GHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-5000 RFMD-SBB-5000 Datasheet
201Kb / 6P
0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
Microsemi Corporation
LX5503 MICROSEMI-LX5503_05 Datasheet
428Kb / 13P
InGaP HBT 5-6GHz Power Amplifier
LX5506M MICROSEMI-LX5506M_09 Datasheet
74Kb / 2P
InGaP HBT 4.5 ??6GHz Power Amplifier
logo
RF Micro Devices
SBB5000 RFMD-SBB5000 Datasheet
155Kb / 6P
0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com