Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5506M Datasheet (PDF) - Microsemi Corporation

LX5506M Datasheet PDF - Microsemi Corporation
Part # LX5506M
Download  LX5506M Download
File Size   71.32 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaP HBT 4.5 - 6GHz Power Amplifier

LX5506M Datasheet (PDF)

Go To PDF Page Download Datasheet
LX5506M Datasheet PDF - Microsemi Corporation

Part # LX5506M
Download  LX5506M Click to download

File Size   71.32 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaP HBT 4.5 - 6GHz Power Amplifier

LX5506M Datasheet (HTML) - Microsemi Corporation


LX5506M Product details

DESCRIPTION

The LX5506M is a power amplifier optimized for the FCC Unlicensed National Information Infrastructure (U-NII) band, HyperLAN2, and Japan’s WLAN applications in the 4.9-5.9 GHz frequency range. The PA is implemented as a three-stage monolithic microwave integrated circuit (MMIC) with active bias, on chip input matching and output pre matching. The device is manufactured



KEY FEATURES

Broadband 4.9-5.9GHz Operation

Advanced InGaP HBT

Single-Polarity 3.3V Supply

Power Gain ~ 30dB at 5.25GHz

Power Gain > ~28dB Across 4.9-5.9GHz

EVM ~ -30dB at Pout=+17dBm at 5.25GHz

EVM ~ -30dB at Pout=+18dBm at 5.85GHz

Total Current ~140mA for Pout =+17dBm at 5.25GHz (For High Duty Cycle of 90%)

Maximum Linear Power ~ +22dBm for OFDM Mask Compliance

Maximum Linear Efficiency ~ 20%

On-chip Output Power Detector with Improved Frequency and Load VSWR Insensitivity

On-Chip Input Match

On-Chip RF Decoupling

Simple Output Match for Optimal Broadband EVM

Small Footprint: 3x3mm2

Low Profile: 0.9mm



Applications

FCC U-NII Wireless

IEEE 802.11a

HyperLAN2

5GHz Cordless Phone




Similar Part No. - LX5506M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5506M MICROSEMI-LX5506M Datasheet
74Kb / 2P
InGaP HBT 4.5 ??6GHz Power Amplifier
LX5506MLQ MICROSEMI-LX5506MLQ Datasheet
74Kb / 2P
InGaP HBT 4.5 ??6GHz Power Amplifier
LX5506MLQ-TR MICROSEMI-LX5506MLQ-TR Datasheet
74Kb / 2P
InGaP HBT 4.5 ??6GHz Power Amplifier
LX5506M MICROSEMI-LX5506M_09 Datasheet
74Kb / 2P
InGaP HBT 4.5 ??6GHz Power Amplifier
More results


Similar Description - LX5506M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5503 MICROSEMI-LX5503 Datasheet
473Kb / 13P
InGaP HBT 5-6GHz Power Amplifier
LX5506E MICROSEMI-LX5506E Datasheet
326Kb / 7P
InGaP HBT 4 - 6GHz Power Amplifier
LX5506B MICROSEMI-LX5506B Datasheet
200Kb / 7P
InGaP HBT 4 6GHz Power Amplifier
LX5530 MICROSEMI-LX5530 Datasheet
101Kb / 2P
InGaP HBT 4.5 - 6.0GHz Power Amplifier
LX5503E MICROSEMI-LX5503E Datasheet
239Kb / 9P
InGaP HBT 4 - 6GHz Power Amplifier
LX5506 MICROSEMI-LX5506 Datasheet
506Kb / 10P
InGaP HBT 4.5 - 6GHz Power Amplifier
logo
RF Micro Devices
SBB-4000 RFMD-SBB-4000 Datasheet
199Kb / 6P
0.05GHZ TO 6GHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-5000 RFMD-SBB-5000 Datasheet
201Kb / 6P
0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
Microsemi Corporation
LX5503 MICROSEMI-LX5503_05 Datasheet
428Kb / 13P
InGaP HBT 5-6GHz Power Amplifier
LX5506M MICROSEMI-LX5506M_09 Datasheet
74Kb / 2P
InGaP HBT 4.5 ??6GHz Power Amplifier
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com