Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5506 Datasheet (PDF) - Microsemi Corporation

LX5506 Datasheet PDF - Microsemi Corporation
Part # LX5506
Download  LX5506 Download
File Size   506.05 Kbytes
Page   10 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaP HBT 4.5 - 6GHz Power Amplifier

LX5506 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX5506 Datasheet PDF - Microsemi Corporation

Part # LX5506
Download  LX5506 Click to download

File Size   506.05 Kbytes
Page   10 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description InGaP HBT 4.5 - 6GHz Power Amplifier

LX5506 Datasheet (HTML) - Microsemi Corporation


LX5506 Product details

The LX5506 is a power amplifier designed for the FCC Unlicensed National Information Infrastructure (U-NII) band, HyperLAN2 and Japan WLAN applications in the 4.9-5.95 GHz frequency range. The PA is implemented as a three-stage monolithic microwave integrated circuit (MMIC) with active bias and complete on-chip input matching. The

device is manufactured with an InGaP/GaAs Heterojunction Bipolar Transistor (HBT) IC process (MOCVD). It operates at a single positive voltage supply of 3.3V (nominal), with +26dBm of P1dB and up to 23dB power gain in the 5.15 - 5.85GHz frequency range with a simple output matching capacitor pair.




Similar Part No. - LX5506

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5506B MICROSEMI-LX5506B Datasheet
200Kb / 7P
InGaP HBT 4 6GHz Power Amplifier
LX5506BLQ MICROSEMI-LX5506BLQ Datasheet
200Kb / 7P
InGaP HBT 4 6GHz Power Amplifier
LX5506E MICROSEMI-LX5506E Datasheet
326Kb / 7P
InGaP HBT 4 - 6GHz Power Amplifier
LX5506E-LQ MICROSEMI-LX5506E-LQ Datasheet
326Kb / 7P
InGaP HBT 4 - 6GHz Power Amplifier
LX5506M MICROSEMI-LX5506M Datasheet
71Kb / 2P
InGaP HBT 4.5 - 6GHz Power Amplifier
More results


Similar Description - LX5506

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5503 MICROSEMI-LX5503 Datasheet
473Kb / 13P
InGaP HBT 5-6GHz Power Amplifier
LX5506E MICROSEMI-LX5506E Datasheet
326Kb / 7P
InGaP HBT 4 - 6GHz Power Amplifier
LX5506B MICROSEMI-LX5506B Datasheet
200Kb / 7P
InGaP HBT 4 6GHz Power Amplifier
LX5530 MICROSEMI-LX5530 Datasheet
101Kb / 2P
InGaP HBT 4.5 - 6.0GHz Power Amplifier
LX5503E MICROSEMI-LX5503E Datasheet
239Kb / 9P
InGaP HBT 4 - 6GHz Power Amplifier
LX5506M MICROSEMI-LX5506M Datasheet
71Kb / 2P
InGaP HBT 4.5 - 6GHz Power Amplifier
logo
RF Micro Devices
SBB-4000 RFMD-SBB-4000 Datasheet
199Kb / 6P
0.05GHZ TO 6GHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-5000 RFMD-SBB-5000 Datasheet
201Kb / 6P
0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
Microsemi Corporation
LX5503 MICROSEMI-LX5503_05 Datasheet
428Kb / 13P
InGaP HBT 5-6GHz Power Amplifier
LX5506M MICROSEMI-LX5506M_09 Datasheet
74Kb / 2P
InGaP HBT 4.5 ??6GHz Power Amplifier
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com