Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS02MR12A8MA2B Datasheet (PDF) - Infineon Technologies AG

FS02MR12A8MA2B Datasheet PDF - Infineon Technologies AG
Part # FS02MR12A8MA2B
Download  FS02MR12A8MA2B Download
File Size   1651.93 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HybridPACK™ Drive G2 module with SiC MOSFET

FS02MR12A8MA2B Datasheet (PDF)

Go To PDF Page Download Datasheet
FS02MR12A8MA2B Datasheet PDF - Infineon Technologies AG

Part # FS02MR12A8MA2B
Download  FS02MR12A8MA2B Click to download

File Size   1651.93 Kbytes
Page   20 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HybridPACK™ Drive G2 module with SiC MOSFET

FS02MR12A8MA2B Datasheet (HTML) - Infineon Technologies AG


FS02MR12A8MA2B Product details

Features
• Electrical features
- VDSS = 1200 V
- IDN = 390 A
- New semiconductor material - silicon carbide
- Low RDS,on
- Low switching losses
- Low Qg and Crss
- Low inductive design
- Tvj,op = 175°C
- Short-time extended operation temperature Tvj,op = 200 °C
• Mechanical features
- 4.2 kV DC 1 second insulation
- High creepage and clearance distances
- Compact design
- High power density
- Direct-cooled PinFin base plate
- High-performance Si3N4 ceramic
- Guiding elements for PCB and cooler assembly
- Integrated temperature sensing diode
- PressFIT contact technology
- RoHS compliant, lead-free
- UL 94 V0 module frame




Similar Part No. - FS02MR12A8MA2B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS02 ETC1-FS02 Datasheet
123Kb / 4P
SURFACE MOUNT SCR
logo
XP Power Limited
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02/FS02CT XPPOWER-FS02/FS02CT Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
List of Unclassifed Man...
FS0201B ETC1-FS0201B Datasheet
123Kb / 4P
SURFACE MOUNT SCR
FS0201BN00RB ETC1-FS0201BN00RB Datasheet
123Kb / 4P
SURFACE MOUNT SCR
More results


Similar Description - FS02MR12A8MA2B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS660R08A6P2FB INFINEON-FS660R08A6P2FB Datasheet
6Mb / 15P
HybridPACK™ Drive Module
V3.0, 2019-05-20
FS820R08A6P2B INFINEON-FS820R08A6P2B Datasheet
1Mb / 16P
HybridPACK™ Drive Module
V3.1, 2019-10-10
FS380R12A6T4B INFINEON-FS380R12A6T4B Datasheet
1Mb / 15P
HybridPACK™ Drive Module
V3.1, 2019-09-10
FS380R12A6T4LB INFINEON-FS380R12A6T4LB Datasheet
2Mb / 15P
HybridPACK™ Drive Module
V3.0, 2020-03-23
FS660R08A6P2FLB INFINEON-FS660R08A6P2FLB Datasheet
6Mb / 15P
HybridPACK™ Drive Module
V3.0, 2019-05-20
FS770R08A6P2B INFINEON-FS770R08A6P2B Datasheet
1Mb / 16P
HybridPACK™ Drive Module
V3.0, 2019-05-28
FS820R08A6P2LB INFINEON-FS820R08A6P2LB Datasheet
7Mb / 16P
HybridPACK™ Drive Module
V3.4, 2019-10-09
FS950R08A6P2B INFINEON-FS950R08A6P2B Datasheet
1Mb / 16P
HybridPACK™ Drive Module
V3.0, 2019-09-10
FS950R08A6P2LB INFINEON-FS950R08A6P2LB Datasheet
2Mb / 16P
HybridPACK™ Drive Module
V3.0, 2020-03-23
FS05MR12A6MA1B INFINEON-FS05MR12A6MA1B Datasheet
1Mb / 15P
HybridPACK™ Drive module with CoolSiC™ Automotive MOSFET
Revision 1.10 2022-07-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com