Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABMX0122 Datasheet (PDF) - Abracon Corporation

ABMX0122 Datasheet PDF - Abracon Corporation
Part # ABMX0122
Download  ABMX0122 Download
File Size   60.99 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 27MHz Multiple output XO with Audio Clock

ABMX0122 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABMX0122 Datasheet PDF - Abracon Corporation

Part # ABMX0122
Download  ABMX0122 Click to download

File Size   60.99 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 27MHz Multiple output XO with Audio Clock

ABMX0122 Datasheet (HTML) - Abracon Corporation


ABMX0122 Product details

DESCRIPTION
The ABMX0122 is a low cost integrated XO IC with power down feature, designed to work with a fundamental 27MHz crystal to provide the most common audio clocks (8.192, 11.2896, 12.288, 16.9344, 16.384, 18.432, 22.5792, and 24.576MHz) required by sampling rates of 32kHz, 44.1kHz, 48kHz, 64kHz and 96kHz (256, 384 and 512 oversampling ratios). The wide range of audio frequencies makes it ideal for STB and MPEG Video applications.

FEATURES
• 2 XO outputs at 27MHz (27MHz crystal input).
• Selectable Audio Clocks supporting:
    ◾ 32kHz, 44.1kHz, 48kHz, 64kHz and 96kHz sampling rates
    ◾ 256, 384 and 512 oversampling ratios
    ◾ 8.192, 11.2896, 12.288, 16.9344, 16.384, 18.432, 22.5792, 24.576MHz audio frequencies
• On-the-fly switching of the audio frequency
• Power down tri-state selector.
• 3.3V Operating Voltage.
• Available in 16-Pin SSOP




Similar Part No. - ABMX0122

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABMX0127 ABRACON-ABMX0127 Datasheet
59Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
03/21/05
ABMX0127SC ABRACON-ABMX0127SC Datasheet
59Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
03/21/05
ABMX0127SC-T ABRACON-ABMX0127SC-T Datasheet
59Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
03/21/05
ABMX0127SCL ABRACON-ABMX0127SCL Datasheet
59Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
03/21/05
ABMX0127SCL-T ABRACON-ABMX0127SCL-T Datasheet
59Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
03/21/05
More results


Similar Description - ABMX0122

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9108 MOTOROLA-MPC9108 Datasheet
67Kb / 4P
MULTIPLE OUTPUT CLOCK SYNTHESIZER
logo
Maxim Integrated Produc...
MAX9489 MAXIM-MAX9489 Datasheet
176Kb / 11P
Multiple-Output Network Clock Generator
Rev 0; 8/04
logo
PhaseLink Corporation
PLL601-22 PLL-PLL601-22 Datasheet
183Kb / 4P
27MHz Multiple output XO with Audio Clock
PLL601-27 PLL-PLL601-27 Datasheet
181Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
PLL501-22 PLL-PLL501-22 Datasheet
181Kb / 5P
27MHz Multiple Output VCXO with Audio Clock
logo
Maxim Integrated Produc...
MAX9492 MAXIM-MAX9492 Datasheet
269Kb / 11P
Multiple-Output Clock Generator with Spread Spectrum
Rev 0; 5/05
logo
Abracon Corporation
ABMX0127 ABRACON-ABMX0127 Datasheet
59Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
03/21/05
logo
Asahi Kasei Microsystem...
AK8145 AKM-AK8145 Datasheet
172Kb / 6P
27MHz VCXO Clock Genrator
logo
Abracon Corporation
ABM0122 ABRACON-ABM0122 Datasheet
61Kb / 4P
27MHz Multiple output XO with Audio Clock
ABM0127 ABRACON-ABM0127 Datasheet
60Kb / 4P
27MHz XO IC with Audio Clock (for Set Top Boxes & MPEG Video)
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com