Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL1507A Datasheet (PDF) - XLSEMI

XL1507A Datasheet PDF - XLSEMI
Part # XL1507A
Download  XL1507A Download
File Size   881.42 Kbytes
Page   15 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 150KHz 60V 3A Buck DC to DC Converter

XL1507A Datasheet (PDF)

Go To PDF Page Download Datasheet
XL1507A Datasheet PDF - XLSEMI

Part # XL1507A
Download  XL1507A Click to download

File Size   881.42 Kbytes
Page   15 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 150KHz 60V 3A Buck DC to DC Converter

XL1507A Datasheet (HTML) - XLSEMI


XL1507A Product details

Features
 Operating Voltage:4.5V~50V
 Adjustable and 5.0V Versions
 Output Adjustable from 1.23V to 48V
 Maximum Duty Cycle 100%
 Feedback Voltage Accuracy ±1.5%
 Minimum Drop Out 1.5V
 Fixed 150KHz Switching Frequency
 3A Constant Output Current Capability
 Internal Optimize HV Power Transistor
 High efficiency up to 90%
 Excellent line and load regulation
 TTL shutdown capability
 Built in thermal shutdown function
 Built in current limit protection function
 Built in output short protection function
 Temperature Grade 1: -40℃ to 125℃
Ambient Operating Temperature Range
 Device HBM ESD Classification Level
Class3B
 Available in TO252-5L package

General Description
The XL1507A is a 150 KHz fixed frequency
buck DC/DC converter, capable of driving a
3A load with high voltage, high efficiency.
The XL1507A supports wide input operating
voltage range of 4.5V ~ 50V and a maximum
duty cycle of 100% output. A built-in loop
compensation module reduces components
in the system, lowering power system cost
and reducing printed circuit board space.
The XL1507A is available in both adjustable
and fixed 5.0V versions. The XL1507A has
built-in thermal shutdown, current limit
protection and output short protection
function and so on. When the output short
protection function happens, the operation
frequency will be reduced about from
150KHz to 30KHz.

Applications
 Automotive Electronics
 Industrial Control
 Networking Equipment
 Internet of Things




Similar Part No. - XL1507A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL1507 ETC2-XL1507 Datasheet
324Kb / 12P
3A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL1507 XLSEMI-XL1507 Datasheet
324Kb / 12P
3A 150KHz 40V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1507-5.0E1 ETC2-XL1507-5.0E1 Datasheet
324Kb / 12P
3A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL1507-5.0E1 XLSEMI-XL1507-5.0E1 Datasheet
324Kb / 12P
3A 150KHz 40V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1507-ADJE1 ETC2-XL1507-ADJE1 Datasheet
324Kb / 12P
3A 150KHz 40V Buck DC to DC Converter
More results


Similar Description - XL1507A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
150kHz 3A BUCK DC-DC CONVERTER
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496 Datasheet
400Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_08 Datasheet
488Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596_12 Datasheet
523Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.3
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
3A / 150KHz Buck Dc-Dc Converter
logo
List of Unclassifed Man...
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
3A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL1507 XLSEMI-XL1507 Datasheet
324Kb / 12P
3A 150KHz 40V Buck DC to DC Converter
XL2596 XLSEMI-XL2596 Datasheet
407Kb / 14P
3A 150KHz 40V Buck DC to DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com