Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL9023 Datasheet (PDF) - XLSEMI

XL9023 Datasheet PDF - XLSEMI
Part # XL9023
Download  XL9023 Download
File Size   758.25 Kbytes
Page   14 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 4A 120KHz 45V Synchronous Buck DC to DC Converter

XL9023 Datasheet (PDF)

Go To PDF Page Download Datasheet
XL9023 Datasheet PDF - XLSEMI

Part # XL9023
Download  XL9023 Click to download

File Size   758.25 Kbytes
Page   14 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 4A 120KHz 45V Synchronous Buck DC to DC Converter

XL9023 Datasheet (HTML) - XLSEMI


XL9023 Product details

Features
 Operation Voltage:5V~40V
 Output Adjustable from 1.25V to 35V
 Maximum Duty Cycle up to 100%
 Feedback Voltage Accuracy ±2%
 Fixed 120KHz Switching Frequency
 4A Constant Output Current Capability
 Internal Optimize Power MOSFET
 High efficiency up to 95%
 Max. Output power up to 30W
 Excellent line and load regulation
 Built in thermal shutdown function
 Built in current limit protection function
 Built in output short protection function
 Temperature Grade 1: -40℃ to 125℃
Ambient Operating Temperature Range
 Device HBM ESD Classification Level
Class3A
 Available in TO252-5L package

General Description
The XL9023 is a 120KHz fixed frequency
PWM synchronous buck DC/DC converter,
capable of driving a 4A load with high
efficiency, low ripple and excellent line and
load regulation. XL9023 supports wide input
operating voltage range of 5V ~ 40V and a
maximum duty cycle of 100% output. A builtin loop compensation module reduces
components in the system, lowering power
system cost and reducing printed circuit
board space.
The XL9023 has built-in thermal shutdown,
current limit protection and output short
protection function and so on. When the
output short protection function happens, the
operation frequency will be reduced about
from 120KHz to 30KHz.

Applications
 Automotive Electronics
 Industrial Control
 Networking Equipment
 Internet of Things




Similar Part No. - XL9023

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL9020 ETC-XL9020 Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
XL9020F ETC-XL9020F Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
XL9020P ETC-XL9020P Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
logo
XLSEMI
XL9026 XLSEMI-XL9026 Datasheet
762Kb / 14P
6A 120KHz 50V Synchronous Buck DC to DC Converter
Rev 1.0
More results


Similar Description - XL9023

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL4003 ETC2-XL4003 Datasheet
322Kb / 9P
4A 300KHz 32V Buck DC to DC Converter
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
4A 180KHz 36V Buck DC to DC Converter
logo
ACE Technology Co., LTD...
ACE752D ACE-ACE752D Datasheet
332Kb / 9P
120KHz 3.5A Buck DC-DC Converter
VER 1.1
logo
Microchip Technology
MIC28513 MICROCHIP-MIC28513 Datasheet
1Mb / 34P
45V, 4A Synchronous Buck Regulator
07/14/15
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
logo
XLSEMI
XL4013 XLSEMI-XL4013 Datasheet
338Kb / 10P
4A 180KHz 36V Buck DC to DC Converter
logo
Fitipower Integrated Te...
FR9808 FITIPOWER-FR9808 Datasheet
1Mb / 13P
21V, 4A, 500KHz Synchronous PWM-Buck DC/DC Converter
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
Synchronous Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM3103 HMSEMI-HM3103 Datasheet
503Kb / 9P
4A 180KHz 36V Buck DC to DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com