Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28513 Datasheet (PDF) - Microchip Technology

MIC28513 Datasheet PDF - Microchip Technology
Part # MIC28513
Download  MIC28513 Download
File Size   1514.55 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 45V, 4A Synchronous Buck Regulator

MIC28513 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC28513 Datasheet PDF - Microchip Technology

Part # MIC28513
Download  MIC28513 Click to download

File Size   1514.55 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 45V, 4A Synchronous Buck Regulator

MIC28513 Datasheet (HTML) - Microchip Technology




Similar Part No. - MIC28513

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28510 MICREL-MIC28510 Datasheet
1Mb / 30P
75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC28510 MICREL-MIC28510 Datasheet
369Kb / 14P
75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28510EV MICREL-MIC28510EV Datasheet
369Kb / 14P
75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28510YJL MICREL-MIC28510YJL Datasheet
1Mb / 30P
75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC28510 MICREL-MIC28510_12 Datasheet
1Mb / 30P
75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results


Similar Description - MIC28513

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1024D AOSMD-AOZ1024D Datasheet
743Kb / 16P
EZBuck??4A Synchronous Buck Regulator
logo
International Rectifier
IR3842MPBF IRF-IR3842MPBF Datasheet
921Kb / 32P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
logo
Alpha & Omega Semicondu...
AOZ1034 AOSMD-AOZ1034 Datasheet
703Kb / 18P
EZBuck??4A Synchronous Buck Regulator
AOZ1052PI AOSMD-AOZ1052PI Datasheet
696Kb / 14P
EZBuck??4A Synchronous Buck Regulator
AOZ1254 AOSMD-AOZ1254 Datasheet
560Kb / 13P
4A EZBuck??Synchronous Buck Regulator
logo
International Rectifier
IR3853MPBF IRF-IR3853MPBF Datasheet
973Kb / 35P
HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
logo
Texas Instruments
LM20124 TI-LM20124_15 Datasheet
1Mb / 28P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6604PI AOSMD-AOZ6604PI Datasheet
982Kb / 16P
EZBuckTM 4A Synchronous Buck Regulator
Rev. 1.1 December 2017
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com