Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28513 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC28513
Description  45V, 4A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28513 Datasheet(HTML) 1 Page - Microchip Technology

  MIC28513 Datasheet HTML 1Page - Microchip Technology MIC28513 Datasheet HTML 2Page - Microchip Technology MIC28513 Datasheet HTML 3Page - Microchip Technology MIC28513 Datasheet HTML 4Page - Microchip Technology MIC28513 Datasheet HTML 5Page - Microchip Technology MIC28513 Datasheet HTML 6Page - Microchip Technology MIC28513 Datasheet HTML 7Page - Microchip Technology MIC28513 Datasheet HTML 8Page - Microchip Technology MIC28513 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005522A-page 1
MIC28513
Features
• 4.6V to 45V Operating Input Voltage Supply
• Up to 4A Output Current
• Integrated High-Side and Low-Side N-Channel
MOSFETs
• HyperLight Load (MIC28513-1) and Hyper Speed
Control (MIC28513-2) Architecture
• Enable Input and Power Good (PGOOD) Output
• Programmable Current-Limit and Foldback
“Hiccup” Mode Short-Circuit Protection
• Built-In 5V Regulator for Single-Supply Operation
• Adjustable 200 kHz to 680 kHz Switching
Frequency
• Fixed 5 ms Soft-Start
• Internal Compensation and Thermal Shutdown
• Thermally-Enhanced 24-Pin 3 mm x 4 mm FQFN
Package
• –40°C to +125°C Junction Temperature Range
Applications
• Industrial Power Supplies
• Distributed Supply Regulation
• Base Station Power Supplies
• Wall Transformer Regulation
• High-Voltage Single-Board Systems
General Description
The MIC28513 is a synchronous step-down switching
regulator with internal power switches capable of
providing up to 4A output current from a wide input
supply range from 4.6V to 45V. The output voltage is
adjustable down to 0.8V with a guaranteed accuracy of
±1%. A constant switching frequency can be
programmed from 200 kHz to 680 kHz. The
MIC28513’s Hyper Speed Control® and HyperLight
Load® architectures allow for high VIN (low VOUT)
operation and ultra-fast transient response while
reducing the required output capacitance. The
MIC28513-1’s HyperLight Load architecture also
provides very good light load efficiency.
The MIC28513 offers a full suite of features to ensure
protection under fault conditions. These include
undervoltage lockout to ensure proper operation under
power sag conditions, internal soft-start to reduce
inrush current, foldback current limit, “hiccup” mode
short-circuit protection, and thermal shutdown.
Package Type
MIC28513
24-Pin 3 mm x 4 mm FQFN (FL)
DL
PGND
DH
PVIN
LX
BST
PVDD
VDD
ILIM
VIN
EN
PGOOD
7
8
910
11
12
18
17
16
15
14
13
24
23
22
21
20
19
1
2
3
4
5
6
PVIN
PVIN
FB
AGND
45V, 4A Synchronous Buck Regulator


Similar Part No. - MIC28513

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28510 MICREL-MIC28510 Datasheet
1Mb / 30P
75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC28510 MICREL-MIC28510 Datasheet
369Kb / 14P
75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28510EV MICREL-MIC28510EV Datasheet
369Kb / 14P
75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28510YJL MICREL-MIC28510YJL Datasheet
1Mb / 30P
75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC28510 MICREL-MIC28510_12 Datasheet
1Mb / 30P
75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results

Similar Description - MIC28513

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1024D AOSMD-AOZ1024D Datasheet
743Kb / 16P
EZBuck??4A Synchronous Buck Regulator
logo
International Rectifier
IR3842MPBF IRF-IR3842MPBF Datasheet
921Kb / 32P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
logo
Alpha & Omega Semicondu...
AOZ1034 AOSMD-AOZ1034 Datasheet
703Kb / 18P
EZBuck??4A Synchronous Buck Regulator
AOZ1052PI AOSMD-AOZ1052PI Datasheet
696Kb / 14P
EZBuck??4A Synchronous Buck Regulator
AOZ1254 AOSMD-AOZ1254 Datasheet
560Kb / 13P
4A EZBuck??Synchronous Buck Regulator
logo
International Rectifier
IR3853MPBF IRF-IR3853MPBF Datasheet
973Kb / 35P
HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
logo
Texas Instruments
LM20124 TI-LM20124_15 Datasheet
1Mb / 28P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6604PI AOSMD-AOZ6604PI Datasheet
982Kb / 16P
EZBuckTM 4A Synchronous Buck Regulator
Rev. 1.1 December 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com