Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28513 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC28513
Description  45V, 4A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28513 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC28513 Datasheet HTML 15Page - Microchip Technology MIC28513 Datasheet HTML 16Page - Microchip Technology MIC28513 Datasheet HTML 17Page - Microchip Technology MIC28513 Datasheet HTML 18Page - Microchip Technology MIC28513 Datasheet HTML 19Page - Microchip Technology MIC28513 Datasheet HTML 20Page - Microchip Technology MIC28513 Datasheet HTML 21Page - Microchip Technology MIC28513 Datasheet HTML 22Page - Microchip Technology MIC28513 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005522A-page 19
MIC28513
FIGURE 4-4:
MIC28513-1 Control Loop
Timing (Discontinuous Mode).
During discontinuous mode, the bias current of most
circuits are reduced. As a result, the total power supply
current during discontinuous mode is only about
450 μA, allowing the MIC28513-1 to achieve high
efficiency in light load applications.
4.3
VDD Regulator
The MIC28513 provides a 5V regulated VDD to bias
internal circuitry for VIN ranging from 5.5V to 45V.
When VIN is less than 5.5V, VDD should be tied to VIN
pins to bypass the internal linear regulator.
4.4
Soft-Start
Soft-start reduces the power supply inrush current at
startup by controlling the output voltage rise time while
the output capacitor charges.
The MIC28513 implements an internal digital soft-start
by ramping up the 0.8V reference voltage (VREF) from
0 to 100% in about 5 ms with 9.7 mV steps. This
controls the output voltage rate of rise at turn on,
minimizing inrush current and eliminating output
voltage overshoot. Once the soft-start cycle ends, the
related circuitry is disabled to reduce current
consumption.
4.5
Current Limit
The MIC28513 uses the RDS(ON) of the internal
low-side power MOSFET to sense overcurrent
conditions. In each switching cycle, the inductor current
is sensed by monitoring the low-side MOSFET during
its ON period. The sensed voltage, V(ILIM), is compared
with the power ground (PGND) after a blanking time of
150 ns.
The voltage drop of the resistor RILIM is compared with
the low-side MOSFET voltage drop to set the
overcurrent trip level. The small capacitor connected
from the ILIM pin to PGND can be added to filter the
switching node ringing, allowing a better short limit
measurement. The time constant created by RILIM and
the filter capacitor should be much less than the
minimum off time.
The overcurrent limit can be programmed by using
Equation 4-3:
EQUATION 4-3:
The peak-to-peak inductor current ripple is calculated
with Equation 4-4.
EQUATION 4-4:
The MOSFET RDS(ON) varies 30% to 40% with
temperature; therefore, it is recommended to use the
RDS(ON) at maximum junction temperature with a 20%
margin to calculate RILIM in Equation 4-3.
In case of hard short, the current-limit threshold is
folded down to allow an indefinite hard short on the
output without any destructive effect. It is mandatory to
make sure that the inductor current used to charge the
output capacitor during soft-start is under the folded
short limit; otherwise the supply will go into hiccup
mode and may not be finishing the soft-start
successfully.
ESTIMATED ON-TIME
I
L
ZC
V
FB
V
REF
V
LSD
0
V
HSD
I
L CROSSES 0 AND VFB > 0.8.
DISCONTINUOUS MODE STARTS
V
FB < 0.8. WAKEUP FROM
DISCONTINUOUS MODE.
R
ILIM
I
CLIM
0.5
–
I
LPP

 R
DS ON

V
CL
+
I
CL
-----------------------------------------------------------------------------------------------------
=
Where:
ICLIM
Desired Current Limit
∆IL(PP)
Inductor Current Peak-to-Peak
Use Equation 4-4 to calculate the
inductor ripple current
RDS(ON)
On-Resistance of Low-Side MOSFET
VCL
Current-limit threshold.
14 mV (typical absolute value).
ICL
Current-limit source current.
80 µA (typical).
I
LPP

V
OUT
V
IN MAX

V
OUT
–

V
IN MAX

f
SW
L
--------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com