Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28513 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC28513
Description  45V, 4A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28513 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC28513 Datasheet HTML 14Page - Microchip Technology MIC28513 Datasheet HTML 15Page - Microchip Technology MIC28513 Datasheet HTML 16Page - Microchip Technology MIC28513 Datasheet HTML 17Page - Microchip Technology MIC28513 Datasheet HTML 18Page - Microchip Technology MIC28513 Datasheet HTML 19Page - Microchip Technology MIC28513 Datasheet HTML 20Page - Microchip Technology MIC28513 Datasheet HTML 21Page - Microchip Technology MIC28513 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MIC28513
DS20005522A-page 18
 2016 Microchip Technology Inc.
FIGURE 4-2:
MIC28513 Control Loop
Timing.
Figure 4-3 shows the operation of the MIC28513 during
a load transient. The output voltage drops due to the
sudden load increase, which causes the VFB to be less
than VREF. This will cause the error comparator to
trigger an ON-time period. At the end of the ON-time
period, a minimum OFF-time tOFF(MIN) is generated to
charge CBST because the feedback voltage is still
below VREF. Then, the next ON-time period is triggered
due to the low feedback voltage. Therefore, the
switching frequency changes during the load transient,
but returns to the nominal fixed frequency once the
output has stabilized at the new load current level. With
the varying duty cycle and switching frequency, the
output recovery time is fast and the output voltage
deviation is small in MIC28513 converter.
FIGURE 4-3:
MIC28513 Load Transient
Response.
Unlike true current-mode control, the MIC28513 uses
the output voltage ripple to trigger an ON-time period.
The output voltage ripple is proportional to the inductor
current ripple if the ESR of the output capacitor is large
enough. The MIC28513 control loop has the advantage
of eliminating the need for slope compensation.
In order to meet the stability requirements, the
MIC28513 feedback voltage ripple should be in phase
with the inductor current ripple and large enough to be
sensed by the gM amplifier and the error comparator.
The recommended feedback voltage ripple is 20 mV ~
100 mV.
If a low-ESR output capacitor is selected, then the
feedback voltage ripple may be too small to be sensed
by the gM amplifier and the error comparator. Also, if
the ESR of the output capacitor is very low, the output
voltage ripple and the feedback voltage ripple are not
necessarily in phase with the inductor current ripple. In
these cases, ripple injection is required to ensure
proper operation. Please refer to the Ripple Injection
subsection for more details about the ripple injection
technique.
4.2
Discontinuous Mode (MIC28513-1
Only)
In continuous mode, the inductor current is always
greater than zero; however, at light loads the
MIC28513-1 is able to force the inductor current to
operate in discontinuous mode. Discontinuous mode
occurs when the inductor current falls to zero, as
indicated by trace (IL) shown in Figure 4-4. During this
period, the efficiency is optimized by shutting down all
the non-essential circuits and minimizing the supply
current. The MIC28513-1 wakes up and turns on the
high-side MOSFET when the feedback voltage VFB
drops below 0.8V.
The MIC28513-1 has a zero crossing comparator that
monitors the inductor current by sensing the voltage
drop across the low-side MOSFET during its ON-time.
If the VFB > 0.8V and the inductor current goes slightly
negative, then the MIC28513-1 automatically powers
down most of the IC circuitry and goes into a low-power
mode.
Once the MIC28513-1 goes into discontinuous mode,
both DH and DL are low, which turns off the high-side
and low-side MOSFETs. The load current is supplied
by the output capacitors and VOUT drops. If the drop of
VOUT causes VFB to go below VREF, then all the circuits
will wake up into normal continuous mode. First, the
bias currents of most circuits reduced during the
discontinuous mode are restored, and then a tON pulse
is triggered before the drivers are turned on to avoid
any possible glitches. Finally, the high-side driver is
turned on. Figure 4-4 shows the control loop timing in
discontinuous mode.
I
L(PP)
V
OUT(PP) = ESRC
× I
L(PP)
OUT
V
FB(PP) =
V
OUT(PP) ×
R2
R1 + R2
TRIGGER ON-TIME IF V
FB IS BELOW VREF
ESTIMATED ON-TIME
I
L
I
OUT
V
OUT
V
FB
V
REF
HSD
I
OUT
V
OUT
V
FB
HSD
V
REF
T
OFF(MIN)
NO LOAD
FULL LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com