Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28513 Datasheet(PDF) 24 Page - Microchip Technology

Part # MIC28513
Description  45V, 4A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28513 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MIC28513 Datasheet HTML 20Page - Microchip Technology MIC28513 Datasheet HTML 21Page - Microchip Technology MIC28513 Datasheet HTML 22Page - Microchip Technology MIC28513 Datasheet HTML 23Page - Microchip Technology MIC28513 Datasheet HTML 24Page - Microchip Technology MIC28513 Datasheet HTML 25Page - Microchip Technology MIC28513 Datasheet HTML 26Page - Microchip Technology MIC28513 Datasheet HTML 27Page - Microchip Technology MIC28513 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
MIC28513
DS20005522A-page 24
 2016 Microchip Technology Inc.
EQUATION 5-17:
With the feed-forward capacitor, the feedback
voltage ripple is very close to the output voltage
ripple.
EQUATION 5-18:
FIGURE 5-5:
Inadequate Ripple at FB.
• Virtually no ripple at the FB pin voltage due to the
very low ESR of the output capacitors.
In this situation, the output voltage ripple is less than
20 mV. Therefore, additional ripple is injected into
the FB pin from the switching node SW via a resistor
RINJ and a capacitor CINJ, as shown in Figure 5-6.
FIGURE 5-6:
Invisible Ripple at FB.
The injected ripple is calculated via:
EQUATION 5-19:
EQUATION 5-20:
In Equation 5-19 and Equation 5-20, it is assumed that
the time constant associated with CFF must be much
greater than the switching period:
EQUATION 5-21:
If the voltage divider resistors R1 and R2 are in the kΩ
range, a CFF of 1 nF to 100 nF can easily satisfy the
large time constant requirements. Also, a 100 nF
injection capacitor CINJ is used in order to be
considered as short for a wide range of the
frequencies.
The process of sizing the ripple injection resistor and
capacitors is as follows.
•Select CFF to feed all output ripples into the
feedback pin and make sure the large time
constant assumption is satisfied. Typical choice of
CFF is 1 nF to 100 nF if R1 and R2 are in the kΩ
range.
•Select RINJ according to the expected feedback
voltage ripple using Equation 5-22:
EQUATION 5-22:
The value of RINJ is calculated using Equation 5-23.
EQUATION 5-23:
•Select CINJ as 100 nF, which could be considered
as short for a wide range of the frequencies.
R1
C
FF
10
f
SW
--------
V
FB PP

ESR
I
LPP

MIC28513
SW
FB
R1
R2
ESR
C
OUT
C
FF
L
MIC28513
SW
FB
R1
R2
ESR
C
OUT
C
FF
R
INJ
C
INJ
L
V
FB PP

V
IN
K
div
D
1
D
–

1
f
SW
-----------------
=
Where:
VIN
Power stage input voltage
D
Duty cycle
fSW
Switching frequency
τ
(R1//R2//RINJ) x CFF
K
div
R1//R2
R
INJ
R1//R2
+
-----------------------------------
=
1
f
SW
-----------------
T
---
=1
«
K
div
V
FB PP

V
IN
-----------------------
f
SW
D
1
D
–

----------------------------
=
R
INJ
R1//R2

1
K
div
----------
1
–


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com