Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28513 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC28513
Description  45V, 4A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28513 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC28513 Datasheet HTML 21Page - Microchip Technology MIC28513 Datasheet HTML 22Page - Microchip Technology MIC28513 Datasheet HTML 23Page - Microchip Technology MIC28513 Datasheet HTML 24Page - Microchip Technology MIC28513 Datasheet HTML 25Page - Microchip Technology MIC28513 Datasheet HTML 26Page - Microchip Technology MIC28513 Datasheet HTML 27Page - Microchip Technology MIC28513 Datasheet HTML 28Page - Microchip Technology MIC28513 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005522A-page 25
MIC28513
6.0
PCB LAYOUT GUIDELINES
PCB Layout is critical to achieve reliable, stable and
efficient performance. A ground plane is required to
control EMI and minimize the inductance in power,
signal and return paths.
Figure 6-1 is optimized from a small form-factor point of
view and shows the top and bottom layers of a
four-layer PCB. It is recommended to use Mid-Layer 1
as a continuous ground plane.
FIGURE 6-1:
Top and Bottom Layers of a
Four-Layer Board.
The following guidelines should be followed to ensure
proper operation of the MIC28513 converter.
6.1
IC
• The analog ground pin (AGND) must be
connected directly to the ground planes. Do not
route the AGND pin to the PGND pin on the top
layer.
• Place the IC close to the point-of-load (POL).
• Use copper planes to route the input and output
power lines.
• Analog and power grounds should be kept
separate and connected at only one location.
6.2
Input Capacitor
• Place the input capacitors on the same side of the
board and as close to the PVIN and PGND pins as
possible.
• Place several vias to the ground plane close to
the input capacitor ground terminal.
• Use either X7R or X5R dielectric input capacitors.
Do not use Y5V or Z5U type capacitors.
• Do not replace the ceramic input capacitor with
any other type of capacitor. Any type of capacitor
can be placed in parallel with the input capacitor.
• If a Tantalum input capacitor is placed in parallel
with the input capacitor, it must be recommended
for switching regulator applications and the
operating voltage must be derated by 50%.
• In “Hot-Plug” applications, a Tantalum or
Electrolytic bypass capacitor must be used to limit
the overvoltage spike seen on the input supply
with power is suddenly applied.
6.3
SW Node
• Do not route any digital lines underneath or close
to the SW node.
• Keep the switch node (SW) away from the
feedback (FB) pin.
6.4
Output Capacitor
• Use a copper island to connect the output
capacitor ground terminal to the input capacitor
ground terminal.
• Phase margin will change as the output capacitor
value and ESR changes. Contact the factory if the
output capacitor is different from what is shown in
the BOM.
• The feedback trace should be separate from the
power trace and connected as close as possible
to the output capacitor. Sensing a long
high-current load trace can degrade the DC load
regulation.
6.5
Thermal Measurements
Measuring the IC’s case temperature is recommended
to ensure it is within its operating limits. Although this
might seem like a very elementary task, it is easy to get
erroneous results. The most common mistake is to use
the standard thermal couple that comes with a thermal
meter. This thermal couple wire gauge is large, typically
22 gauge, and behaves like a heatsink, resulting in a
lower case measurement.
Two methods of temperature measurement are using a
smaller
thermal
couple
wire
or
an
infrared
thermometer. If a thermal couple wire is used, it must
be constructed of 36 gauge wire or higher then (smaller
wire size) to minimize the wire heat-sinking effect. In
addition, the thermal couple tip must be covered in
either thermal grease or thermal glue to make sure that
the thermal couple junction is making good contact with
the case of the IC. Omega brand thermal couple
(5SC-TT-K-36-36) is adequate for most applications.
Wherever possible, an infrared thermometer is
recommended. The measurement spot size of most
infrared thermometers is too large for an accurate
reading on a small form factor ICs. However, a IR
thermometer from Optris has a 1 mm spot size, which
makes it a good choice for measuring the hottest point
on the case. An optional stand makes it easy to hold the
beam on the IC for long periods of time.
For more information about the Evaluation board layout, please contact Microchip sales.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com