Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28513 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC28513
Description  45V, 4A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28513 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC28513 Datasheet HTML 6Page - Microchip Technology MIC28513 Datasheet HTML 7Page - Microchip Technology MIC28513 Datasheet HTML 8Page - Microchip Technology MIC28513 Datasheet HTML 9Page - Microchip Technology MIC28513 Datasheet HTML 10Page - Microchip Technology MIC28513 Datasheet HTML 11Page - Microchip Technology MIC28513 Datasheet HTML 12Page - Microchip Technology MIC28513 Datasheet HTML 13Page - Microchip Technology MIC28513 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MIC28513
DS20005522A-page 10
 2016 Microchip Technology Inc.
FIGURE 2-19:
IC Power Dissipation vs.
Output Current (VIN = 36V).
FIGURE 2-20:
12V Input Thermal Derating.
FIGURE 2-21:
24V Input Thermal Derating.
FIGURE 2-22:
36V Input Thermal Derating.
FIGURE 2-23:
Efficiency (VIN = 12V) vs.
Output Current (MIC28513-2).
FIGURE 2-24:
Efficiency (VIN = 24V) vs.
Output Current (MIC28513-2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com