Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28513 Datasheet(PDF) 20 Page - Microchip Technology

Part # MIC28513
Description  45V, 4A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28513 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MIC28513 Datasheet HTML 16Page - Microchip Technology MIC28513 Datasheet HTML 17Page - Microchip Technology MIC28513 Datasheet HTML 18Page - Microchip Technology MIC28513 Datasheet HTML 19Page - Microchip Technology MIC28513 Datasheet HTML 20Page - Microchip Technology MIC28513 Datasheet HTML 21Page - Microchip Technology MIC28513 Datasheet HTML 22Page - Microchip Technology MIC28513 Datasheet HTML 23Page - Microchip Technology MIC28513 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
MIC28513
DS20005522A-page 20
 2016 Microchip Technology Inc.
4.6
Power Good (PGOOD)
The power good (PGOOD) pin is an open-drain output
that indicates logic-high when the output is nominally
90% of its steady-state voltage.
4.7
MOSFET Gate Drive
The Functional Block Diagram shows a bootstrap
circuit, consisting of DBST, CBST, and RBST. This circuit
supplies energy to the high-side drive circuit. Capacitor
CBST is charged, while the low-side MOSFET is on,
and the voltage on the SW pin is approximately 0V.
When the high-side MOSFET driver is turned on,
energy from CBST is used to turn the MOSFET on. As
the high-side MOSFET turns on, the voltage on the SW
pin increases to approximately VIN. Diode DBST is
reverse-biased and CBST floats high while continuing to
bias the high-side gate driver. The bias current of the
high-side driver is less than 10 mA, so a 0.1 μF to 1 μF
capacitor is sufficient to hold the gate voltage with
minimal droop for the power stroke (high-side
switching) cycle, i.e. ∆BST = 10 mA x 1.25 μs/0.1 μF =
125 mV. When the low-side MOSFET is turned back
on, CBST is then recharged through the boost diode. A
30Ω resistor RBST, which is in series with the BST pin,
is required to slow down the turn-on time of the
high-side N-channel MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com