Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28513 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC28513
Description  45V, 4A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28513 Datasheet(HTML) 3 Page - Microchip Technology

  MIC28513 Datasheet HTML 1Page - Microchip Technology MIC28513 Datasheet HTML 2Page - Microchip Technology MIC28513 Datasheet HTML 3Page - Microchip Technology MIC28513 Datasheet HTML 4Page - Microchip Technology MIC28513 Datasheet HTML 5Page - Microchip Technology MIC28513 Datasheet HTML 6Page - Microchip Technology MIC28513 Datasheet HTML 7Page - Microchip Technology MIC28513 Datasheet HTML 8Page - Microchip Technology MIC28513 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005522A-page 3
MIC28513
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
PVIN, VIN to PGND..................................................................................................................................... –0.3V to +50V
VDD, PVDD to PGND..................................................................................................................................... –0.3V to +6V
VBST to VSW, VLX ......................................................................................................................................... –0.3V to +6V
VBST to PGND......................................................................................................................................–0.3V to (VIN + 6V
VSW, VLX to PGND...........................................................................................................................–0.3V to (VIN + 0.3V)
VFREQ, VILIM, VEN to AGND.............................................................................................................–0.3V to (VIN + 0.3V)
VLX, VFB, VPG, VFREQ, VILIM, VEN to AGND................................................................................... –0.3V to (VDD + 0.3V)
PGND to AGND ........................................................................................................................................ –0.3V to +0.3V
ESD Rating(1) (HBM) .............................................................................................................................................. 1.5 kV
ESD Rating(1) (MM) ..................................................................................................................................................150V
Operating Ratings ‡
Supply Voltage (PVIN, VIN)......................................................................................................................... +4.6V to +45V
Enable Input (VEN) ..............................................................................................................................................0V to VIN
VSW, VFREQ, VILIM, VEN ......................................................................................................................................0V to VIN
† Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice:
The device is not guaranteed to function outside its operating ratings.
Note 1:
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com