Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28513 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC28513
Description  45V, 4A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28513 Datasheet(HTML) 4 Page - Microchip Technology

  MIC28513 Datasheet HTML 1Page - Microchip Technology MIC28513 Datasheet HTML 2Page - Microchip Technology MIC28513 Datasheet HTML 3Page - Microchip Technology MIC28513 Datasheet HTML 4Page - Microchip Technology MIC28513 Datasheet HTML 5Page - Microchip Technology MIC28513 Datasheet HTML 6Page - Microchip Technology MIC28513 Datasheet HTML 7Page - Microchip Technology MIC28513 Datasheet HTML 8Page - Microchip Technology MIC28513 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MIC28513
DS20005522A-page 4
 2016 Microchip Technology Inc.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
VIN = 12V, TA = 25°C, unless noted. Bold values indicate –40°C ≤ TJ ≤ +125°C.
(Note 1)
.
Parameters
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
Input Voltage Range (PVIN,
VIN)
4.6
—
45
V—
Quiescent Supply Current
—
0.4
0.75
mA
VFB = 1.5V (MIC28513-1)
—0.7
1.5
VFB = 1.5V (MIC28513-2)
Shutdown Supply Current
—
0.1
10
µA
SW unconnected, VEN = 0V
VDD Supply
VDD Output Voltage
4.8
5.2
5.4
VVIN = 7V to 45V, IVDD = 10 mA
VDD UVLO Threshold
3.8
4.2
4.6
VVDD rising
VDD UVLO Hysteresis
—
400
—
mV
—
Load Regulation at 40 mA
0.6
2
4.0
%
—
Reference
Feedback Reference Voltage
0.792
0.8
0.808
V
25°C (±1%)
0.784
0.8
0.816
–40°C ≤ TJ ≤ +125°C (±2%)
FB Bias Current
—
5
500
nA
VFB = 0.8V
Enable Control
EN Logic Level High
1.8
——
V
—
EN Logic Level Low
—
—
0.6
—
EN Hysteresis
—
200
—
mV
—
EN Bias Current
—
5
40
µA
VEN = 12V
Oscillator
Switching Frequency
450
680
800
kHz
VFREQ = VIN
—340
—
VFREQ = 50% VIN
Maximum Duty Cycle
—
85
—
%
—
Minimum Duty Cycle
—
0
—
VFB > 0.8V
Minimum Off-Time
110
200
270
ns
—
Internal MOSFET
High-Side NMOS
On-Resistance
—37
—
mΩ
—
Low-Side NMOS
On-Resistance
—20
—
—
Short-Circuit Protection
Current-Limit Threshold
–30
–14
0
mV
VFB = 0.79V
Short-Circuit Threshold
–24
–7
8
VFB = 0V
Current-Limit Source Current
50
70
90
µA
VFB = 0.79V
Short-Circuit Source Current
25
36
43
VFB = 0V
Note 1:
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com