Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL9026 Datasheet (PDF) - XLSEMI

XL9026 Datasheet PDF - XLSEMI
Part # XL9026
Download  XL9026 Download
File Size   762.17 Kbytes
Page   14 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 6A 120KHz 50V Synchronous Buck DC to DC Converter

XL9026 Datasheet (PDF)

Go To PDF Page Download Datasheet
XL9026 Datasheet PDF - XLSEMI

Part # XL9026
Download  XL9026 Click to download

File Size   762.17 Kbytes
Page   14 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 6A 120KHz 50V Synchronous Buck DC to DC Converter

XL9026 Datasheet (HTML) - XLSEMI


XL9026 Product details

Features
 Operation Voltage:5V~45V
 Output Adjustable from 1.25V to 40V
 Maximum Duty Cycle up to 100%
 Feedback Voltage Accuracy ±2%
 Fixed 120KHz Switching Frequency
 6A Constant Output Current Capability
 Internal Optimize Power MOSFET
 High efficiency up to 96%
 Max. Output power up to 80W
 Excellent line and load regulation
 Built in thermal shutdown function
 Built in current limit protection function
 Built in output short protection function
 Temperature Grade 1: -40℃ to 125℃
Ambient Operating Temperature Range
 Device HBM ESD Classification Level
Class3A
 Available in TO220-5L package

General Description
The XL9026 is a 120KHz fixed frequency
PWM synchronous buck DC/DC converter,
capable of driving a 6A load with high
efficiency, low ripple and excellent line and
load regulation. XL9026 supports wide input
operating voltage range of 5V ~ 45V and a
maximum duty cycle of 100% output. A builtin loop compensation module reduces
components in the system, lowering power
system cost and reducing printed circuit
board space.
The XL9026 has built-in thermal shutdown,
current limit protection and output short
protection function and so on. When the
output short protection function happens, the
operation frequency will be reduced about
from 120KHz to 30KHz.

Applications
 Automotive Electronics
 Industrial Control
 Networking Equipment
 Internet of Things




Similar Part No. - XL9026

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL9020 ETC-XL9020 Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
XL9020F ETC-XL9020F Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
XL9020P ETC-XL9020P Datasheet
156Kb / 12P
2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
logo
XLSEMI
XL9023 XLSEMI-XL9023 Datasheet
758Kb / 14P
4A 120KHz 45V Synchronous Buck DC to DC Converter
Rev 1.1
More results


Similar Description - XL9026

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
List of Unclassifed Man...
ZSPM4022-06 ETC2-ZSPM4022-06 Datasheet
1Mb / 38P
12V/6A Synchronous DC/DC Buck Regulator
ZSPM4023-06 ETC2-ZSPM4023-06 Datasheet
326Kb / 3P
24V/6A Synchronous DC/DC Buck Regulator
logo
ACE Technology Co., LTD...
ACE752D ACE-ACE752D Datasheet
332Kb / 9P
120KHz 3.5A Buck DC-DC Converter
VER 1.1
logo
Rohm
BD95861MUV ROHM-BD95861MUV Datasheet
1Mb / 26P
7.5V to 18V, 6A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
Synchronous Buck DC/DC Converter
logo
Renesas Technology Corp
ZSPM4022-06 RENESAS-ZSPM4022-06 Datasheet
1Mb / 37P
12V/6A Synchronous DC/DC Buck Regulator
January 28, 2016
ZSPM4023-06 RENESAS-ZSPM4023-06 Datasheet
1Mb / 38P
24V/6A Synchronous DC/DC Buck Regulator
January 27, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com