Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2950P Datasheet (PDF) - Semtech Corporation

HS2950P Datasheet PDF - Semtech Corporation
Part # HS2950P
Download  HS2950P Download
File Size   2916.27 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 29V 5A Load Protection HotSwitch® with Adjustable OVP, OCP and SS

HS2950P Datasheet (PDF)

Go To PDF Page Download Datasheet
HS2950P Datasheet PDF - Semtech Corporation

Part # HS2950P
Download  HS2950P Click to download

File Size   2916.27 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 29V 5A Load Protection HotSwitch® with Adjustable OVP, OCP and SS

HS2950P Datasheet (HTML) - Semtech Corporation


HS2950P Product details

Description
The HS2950P is a high side HotSwitch® for a variety of load
conditions in industrial, telecom and consumer
applications. It features a wide input voltage range of 2.7V
to 29V and is capable of providing up to 5A output current.
The HS2950P utilizes flexible and programmable
protection features and is able to handle multiple fault
conditions. Programmable features include adjustable
over current protection, precise over voltage protection,
under voltage lockout, and soft start to protect against
inrush currents for a range of load requirements.
An adjustable turn on delay feature allows the user to
sequence multiple rails and efficiently limit start up
current. The automatic output discharge protects the
load during fault conditions, and the HS2950P will
automatically restart from fault conditions as long as over
and under voltage conditions have been removed for
safe operation.
The HS2950P is offered in a small 3.0 x 3.0 x 0.55mm DFN
12 Lead package enabling very small board area
implementations.

Features
• Integrated Load Switch
• Input Voltage Range – 2.7V to 29V
• Up to 5A Output Current
• Low Ron – 25mΩ
• Adjustable Current Limit
• Adjustable Over Voltage Protection
• Automatic Output Discharge
• Adjustable Soft Start
• Automatic Restart from All Faults Except OVP & UVLO
• Fault Flag Output

Mechanical Characteristics
• DFN 3.0 x 3.0 x 0.55mm 12 Lead package
• Pb-Free, Halogen Free, RoHS/WEEE compliant
• Pb Free Lead Finish
• Marking: Marking code
• Packaging: Tape and Reel

Applications
• Telecommunication, Networking Equipment
• Office Automation Equipment
• Industrial Equipment
• White Goods
• Consumer Products




Similar Part No. - HS2950P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
HS2950P SEMTECH-HS2950P Datasheet
2Mb / 21P
2A HotSwitch® with Reverse Current Blocking
Rev. 2.5
HS2950P-EVB SEMTECH-HS2950P-EVB Datasheet
2Mb / 21P
2A HotSwitch® with Reverse Current Blocking
Rev. 2.5
HS2950P.M SEMTECH-HS2950P.M Datasheet
2Mb / 21P
2A HotSwitch® with Reverse Current Blocking
Rev. 2.5
HS2950P SEMTECH-HS2950P_V01 Datasheet
2Mb / 21P
2A HotSwitch® with Reverse Current Blocking
Rev. 2.5
More results


Similar Description - HS2950P

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCCE-020X701 LINKCOM-LCCE-020X701 Datasheet
114Kb / 2P
AC Input 90~305Vac SCP / OVP / OCP
LCCE-025X701 LINKCOM-LCCE-025X701 Datasheet
113Kb / 2P
AC Input 90~305Vac SCP / OVP / OCP
logo
Vicor Corporation
D44TL1A0 VICOR-D44TL1A0 Datasheet
641Kb / 25P
OVP, OCP, OTP protection and monitoring
logo
Skyworks Solutions Inc.
AAT4685IWP-1-T1 SKYWORKS-AAT4685IWP-1-T1 Datasheet
1Mb / 17P
Over-Voltage Protection Switch with OCP and BOVP
logo
ON Semiconductor
FPF2498 ONSEMI-FPF2498 Datasheet
583Kb / 10P
Adjustable OVP Input OVT Load Switch
February 2015 Rev. 1.11
logo
Bel Fuse Inc.
QME48T35120 BEL-QME48T35120 Datasheet
1Mb / 19P
Fully protected (OTP, OCP, OVP, UVLO) with automatic recovery
logo
Kinetic Technologies.
KTS1640 KINETIC-KTS1640 Datasheet
722Kb / 14P
Load Switch with OVP and Reverse Polarity Protection
August 2022 - Revision 04f
KTS1640Q KINETIC-KTS1640Q Datasheet
211Kb / 2P
Automotive Load Switch with OVP and RB Protection
December 2018 - Revision 04d
KTS1693 KINETIC-KTS1693 Datasheet
1Mb / 16P
Surge Protected Load Switch with OVP and OCP
September 2021 - Revision 04d
logo
Renesas Technology Corp
SLG59H1313C RENESAS-SLG59H1313C Datasheet
1Mb / 31P
A 23 mΩ, 4.5 A nFET Load Switch with Surge Protection and Adjustable OVP in a 2.34 mm2 WLCSP
2-Feb-2022
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com