Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2950P Datasheet (PDF) - Semtech Corporation

HS2950P Datasheet PDF - Semtech Corporation
Part # HS2950P_V01
Download  HS2950P Download
File Size   2917.27 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 2A HotSwitch® with Reverse Current Blocking

HS2950P Datasheet (PDF)

Go To PDF Page Download Datasheet
HS2950P Datasheet PDF - Semtech Corporation

Part # HS2950P_V01
Download  HS2950P Click to download

File Size   2917.27 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 2A HotSwitch® with Reverse Current Blocking

HS2950P Datasheet (HTML) - Semtech Corporation


HS2950P Product details

Description
The HS2950P is a high side HotSwitch® for a variety of load
conditions in industrial, telecom and consumer applications. It
features a wide input voltage range of 2.7V to 29V and is capable
of providing up to 5A output current.
The HS2950P utilizes flexible and programmable protection
features and is able to handle multiple fault conditions.
Programmable features include adjustable over current
protection, precise over voltage protection, under voltage
lockout, and soft start to protect against inrush currents for a
range of load requirements.
An adjustable turn on delay feature allows the user to sequence
multiple rails and efficiently limit start up current. The automatic
output discharge protects the load during fault conditions, and
the HS2950P will automatically restart from fault conditions as
long as over and under voltage conditions have been removed
for safe operation.
The HS2950P is offered in a small 3.0 x 3.0 x 0.55mm DFN 12
Lead package enabling very small board area implementations.

Features
Ÿ Integrated Load Switch
Ÿ Input Voltage Range – 2.7V to 29V
Ÿ Up to 5A Output Current
Ÿ Low Ron – 25mΩ
Ÿ Adjustable Current Limit
Ÿ Adjustable Over Voltage Protection
Ÿ Automatic Output Discharge
Ÿ Adjustable Soft Start
Ÿ Fault Flag Output
Ÿ Automatic Restart with 200ms Reset Time from All Faults
Except OVP & UVLO
Ÿ Power Good Output for Downstream Sequencing

Applications
Ÿ Telecommunication, Networking Equipment
Ÿ Office Automation Equipment
Ÿ Industrial Equipment
Ÿ White Goods
Ÿ Consumer Products

Mechanical Characteristics
Ÿ DFN 3.0 x 3.0 x 0.55mm 12 Lead package
Ÿ Pb-Free, Halogen Free, RoHS/WEEE compliant
Ÿ Pb Free Lead Finish
Ÿ Marking: Marking code
Ÿ Packaging: Tape and Reel




Similar Part No. - HS2950P_V01

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
HS2950P SEMTECH-HS2950P Datasheet
2Mb / 21P
29V 5A Load Protection HotSwitch® with Adjustable OVP, OCP and SS
Rev 2.4
More results


Similar Description - HS2950P_V01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
Full Function Load Switch with Reverse Current Blocking
logo
IXYS Corporation
IXRH40N120 IXYS-IXRH40N120 Datasheet
115Kb / 5P
IGBT with Reverse Blocking capability
logo
Richtek Technology Corp...
RT9715CA RICHTEK-RT9715CA Datasheet
240Kb / 12P
Reverse Blocking Current
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
logo
Vishay Siliconix
SIP32454 VISHAY-SIP32454 Datasheet
221Kb / 12P
Reverse current blocking when disabled
07-May-12
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
3A Current Limited Load Switch with True Reverse Current Blocking
logo
Toshiba Semiconductor
TCK206G TOSHIBA-TCK206G Datasheet
492Kb / 12P
0.75 V, 2A Load Switch IC with Reverse Current Blocking in Ultra Small Package
TCK207AN TOSHIBA-TCK207AN Datasheet
525Kb / 11P
0.75 V, 2A Load Switch IC with Reverse Current Blocking in Ultra Small Package
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
2A Load Switch IC with True Reverse Current Blocking
2021-02-24
logo
Renesas Technology Corp
SLG59M1606V RENESAS-SLG59M1606V Datasheet
357Kb / 11P
Dual 4.5 A Load Switch with Reverse Current Blocking
February 4, 2022
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com