Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV540 Datasheet (PDF) - ON Semiconductor

FSV540 Datasheet PDF - ON Semiconductor
Part # FSV540
Download  FSV540 Download
File Size   189.51 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Rectifier 5 A, 40 V Low VF

FSV540 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSV540 Datasheet PDF - ON Semiconductor

Part # FSV540
Download  FSV540 Click to download

File Size   189.51 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Rectifier 5 A, 40 V Low VF

FSV540 Datasheet (HTML) - ON Semiconductor


FSV540 Product details

Features
• Low Forward Voltage Drop
• Low Thermal Resistance
• Very Low Profile: Typical Height of 1.1 mm
• Green Molding Compound as per IEC61249 Standard
• Non−DAP Option Only
• These Devices are Pb−Free, Halogen Free and are RoHS Compliant




Similar Part No. - FSV540

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSV530AF FAIRCHILD-FSV530AF Datasheet
111Kb / 5P
Low Forward Voltage Drop: 0.54 V Maximum at 5 A
logo
ON Semiconductor
FSV560 ONSEMI-FSV560 Datasheet
191Kb / 5P
Schottky Barrier Rectifier 5 A, 60 V Low VF
April, 2020 - Rev. 4
More results


Similar Description - FSV540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4050ETP NXP-PMEG4050ETP Datasheet
171Kb / 13P
40 V, 5 A low VF MEGA Schottky barrier rectifier
Rev. 1-10 October 2011
logo
Nexperia B.V. All right...
PMEG040V050EPD NEXPERIA-PMEG040V050EPD Datasheet
706Kb / 13P
40 V, 5 A low VF MEGA Schottky barrier rectifier
PMEG40T50EP NEXPERIA-PMEG40T50EP Datasheet
228Kb / 14P
40 V, 5 A low VF Trench MEGA Schottky barrier rectifier
PMEG4010EP-Q NEXPERIA-PMEG4010EP-Q Datasheet
254Kb / 12P
40 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG4050EP-Q NEXPERIA-PMEG4050EP-Q Datasheet
258Kb / 12P
40 V, 5 A low VF Schottky barrier rectifier
20 February 2023
PMEG040V050EPE-Q NEXPERIA-PMEG040V050EPE-Q Datasheet
263Kb / 11P
40 V, 5 A low VF Schottky barrier rectifier
18 July 2022
PMEG40T50EP-Q NEXPERIA-PMEG40T50EP-Q Datasheet
247Kb / 14P
40 V, 5 A low VF Trench MEGA Schottky barrier rectifier
10 November 2021
PMEG4050ETP-Q NEXPERIA-PMEG4050ETP-Q Datasheet
254Kb / 13P
40 V, 5 A low VF MEGA Schottky barrier rectifier
19 July 2021
PMEG040V050EPE NEXPERIA-PMEG040V050EPE Datasheet
263Kb / 11P
40 V, 5 A low VF Schottky barrier rectifier
18 July 2022
PMEG4050ETP NEXPERIA-PMEG4050ETP Datasheet
277Kb / 12P
High temperature 40 V, 5 A low VF Schottky barrier rectifier
1 January 2023
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com