Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV540 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSV540
Description  Schottky Barrier Rectifier 5 A, 40 V Low VF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSV540 Datasheet(HTML) 2 Page - ON Semiconductor

  FSV540 Datasheet HTML 1Page - ON Semiconductor FSV540 Datasheet HTML 2Page - ON Semiconductor FSV540 Datasheet HTML 3Page - ON Semiconductor FSV540 Datasheet HTML 4Page - ON Semiconductor FSV540 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FSV540
www.onsemi.com
2
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Note 1)
Symbol
Characteristic
Minimum Land
Pattern
Maximum Land
Pattern
Unit
RqJA
Junction−to−Ambient Thermal Resistance
100
40
°C/W
ΨJL
Junction−to−Lead Thermal Characteristics,
Thermocouple Soldered to Anode
15
12
°C/W
Junction−to−Lead Thermal Characteristics,
Thermocouple Soldered to Cathode
6
5
1. The thermal resistances (RqJA & ΨJL) are characterized with device mounted on the following FR4 printed circuit boards, as shown in Figure 1
and Figure 2. PCB size: 76.2 x 114.3 mm. Minimum land pattern size: 4.9 x 4.8 mm (big pattern, x1), 1.4 x 1.52 mm (small pattern, x2).
Maximum land pattern size: 30 x 30 mm (pattern, x2). Force line trace size = 55 mils, sense line trace size = 4 mils.
Figure 1. Minimum Land Pattern of 2 oz Copper
F
S
F
S
F
S
Figure 2. Maximum Land Pattern of 2 oz Copper
F
S
F
S
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BVR
Breakdown Voltage
IR = 0.5 mA
40
−
−
V
VF
Forward Voltage Drop
IF = 5 A
−
474
520
mV
IR
Reverse Current
VR = 40 V
−
25
250
mA
CJ
Junction Capacitance
VR = 0 V, f = 1 MHz
−
730
−
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
ORDERING INFORMATION
Part Number
Top Mark
Package
Shipping†
FSV540
FSV540
TO−277−3LD
(Pb−Free/Halogen Free)
5000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com