Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV540 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSV540
Description  Schottky Barrier Rectifier 5 A, 40 V Low VF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSV540 Datasheet(HTML) 3 Page - ON Semiconductor

  FSV540 Datasheet HTML 1Page - ON Semiconductor FSV540 Datasheet HTML 2Page - ON Semiconductor FSV540 Datasheet HTML 3Page - ON Semiconductor FSV540 Datasheet HTML 4Page - ON Semiconductor FSV540 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FSV540
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Forward Current Derating Curve
0
1
2
3
4
5
6
AMBIENT / LEAD TEMPERATURE (
oC)
T
A
(Min. Pad)
T
A
(3cm x 3cm Pad)
T
L
(Cathode, Min. Pad)
T
L
(Cathode, 3cm x 3cm Pad)
0
25
50
75
100
125
150
175
Figure 4. Typical Junction Capacitance
10
100
1000
0.1
VR, REVERSE BIAS VOLTAGE (V)
1
10
100
Figure 5. Typical Reverse Characteristic
0.001
0.01
0.1
1
10
100
1000
TJ = 25°C
20
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
40
60
80
100
TJ = 75°C
TJ = 125°C
TJ = 150°C
Figure 6. Typical Reverse Characteristic
0.01
0.1
1
10
0
VF, FORWARD VOLTAGE (V)
0.2
0.4
0.6
0.8
TJ = 25°C
TJ = 75°C
TJ = 125°C
TJ = 150°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com