Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7908 Datasheet (PDF) - Texas Instruments

AMC7908 Datasheet PDF - Texas Instruments
Part # AMC7908
Download  AMC7908 Download
File Size   521.31 Kbytes
Page   5 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AMC7908 8-Channel Power-Amplifier Monitor and Controller

AMC7908 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC7908 Datasheet PDF - Texas Instruments

Part # AMC7908
Download  AMC7908 Click to download

File Size   521.31 Kbytes
Page   5 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AMC7908 8-Channel Power-Amplifier Monitor and Controller

AMC7908 Datasheet (HTML) - Texas Instruments


AMC7908 Product details

1 Features
• Eight analog outputs
– Eight monotonic DACs: 1.22mV resolution
– Automatically configured output ranges:
• Positive output voltage: 0V to 10V
• Negative output voltage: –10V to 0V
– High current drive capability
– High capacitive load tolerance
• Output on and off control switches
– Fast switching time
– Low resistance
• Multichannel ADC monitor
– Two high-voltage external inputs: 0V to 85V
– Two high-side current-sense amplifiers: up to
85V common-mode range
– Local temperature sensor: ±2.5°C accuracy
• Output sequence control for start-up and shutdown
events
• Internal 2.5V reference
• SPI and I2C interface: 1.65V to 3.6V operation
– SPI: 4-wire interface
– I2C: 16 target addresses
• Specified temperature range: –40°C to +125°C
• Operating temperature range: –40°C to +150°C

2 Applications
• Macro remote radio unit (RRU)
• Active antenna system mMIMO (AAS)
• Outdoor backhaul unit
• Radar

3 Description
The AMC7908 is a highly integrated power-amplifier
(PA) monitor and control device capable of
temperature, current, and voltage supervision.
The AMC7908 bias controller is based around eight
digital-to-analog converters (DAC) with programmable
output ranges. The eight gate bias outputs are
switched on and off through dedicated control pins.
The gate bias switches are designed for fast response
and enable correct power sequencing and protection
of depletion-mode transistors, such as GaAs and
GaN.
The AMC7908 supervisor is based around an
accurate multichannel analog-to-digital converter
(ADC). The device integrates two high-voltage
inputs, two high-side current-sense amplifiers and an
accurate on-chip temperature sensor.
The function integration and wide operating
temperature range make the AMC7908 an excellent
choice as an all-in-one, bias control circuit for
the power amplifiers found in RF communication
systems. The flexible DAC output ranges and builtin
sequencing features let the device be used as
a biasing controller for a large variety of transistor
technologies, such as LDMOS, GaAs, and GaN.




Similar Part No. - AMC7908

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC7924 TI2-AMC7924 Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC7924PAPR TI-AMC7924PAPR Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC7924PAPR TI2-AMC7924PAPR Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC7924PAPR.A TI2-AMC7924PAPR.A Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
More results


Similar Description - AMC7908

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
Battery Monitor and Charge Controller
logo
Cirrus Logic
CS44800 CIRRUS-CS44800 Datasheet
700Kb / 81P
8-Channel Digital Amplifier Controller
logo
Summit Microelectronics...
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
Six-Channel Supply Monitor and Sequencing Controller
logo
Texas Instruments
UCD9080 TI-UCD9080 Datasheet
558Kb / 32P
8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
logo
Cirrus Logic
CS44800 CIRRUS-CS44800_06 Datasheet
1Mb / 80P
8-Channel Digital Amplifier Controller
logo
Texas Instruments
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
Analog System Monitor and Controller
UCD9081 TI1-UCD9081 Datasheet
853Kb / 34P
8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR WITH ERROR LOGGING
UCD9081EVM TI-UCD9081EVM Datasheet
800Kb / 34P
8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR WITH ERROR LOGGING
logo
Linear Technology
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
Dual I2C Power Supply Monitor and Margining Controller
logo
Texas Instruments
UCD9080 TI1-UCD9080_16 Datasheet
1Mb / 38P
8-CHANNEL POWER-SUPPLY SEQUENCER AND MONITOR
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com