Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLF4277-2LD Datasheet (PDF) - Infineon Technologies AG

TLF4277-2LD Datasheet PDF - Infineon Technologies AG
Part # TLF4277-2LD
Download  TLF4277-2LD Download
File Size   989.31 Kbytes
Page   27 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low dropout linear voltage regulator with integrated current monitor

TLF4277-2LD Datasheet (PDF)

Go To PDF Page Download Datasheet
TLF4277-2LD Datasheet PDF - Infineon Technologies AG

Part # TLF4277-2LD
Download  TLF4277-2LD Click to download

File Size   989.31 Kbytes
Page   27 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low dropout linear voltage regulator with integrated current monitor

TLF4277-2LD Datasheet (HTML) - Infineon Technologies AG


TLF4277-2LD Product details

Features
• Integrated current monitor
• Overvoltage, overtemperature, and overcurrent detection
• Adjustable output voltage
• Output current up to 300 mA
• Adjustable output current limitation
• Stable with ceramic output capacitor of 1 μF
• Wide input voltage range up to 40 V
• Reverse-polarity protection
• Short-circuit protected
• Overtemperature shutdown
• Automotive temperature range -40°C ≤ Tj ≤ 150°C
• Green Product (RoHS- and WEEE-compliant)




Similar Part No. - TLF4277-2LD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLF4277-2EL INFINEON-TLF4277-2EL Datasheet
32Kb / 1P
Material Content Data Sheet
16. September 2015
TLF4277-2EL INFINEON-TLF4277-2EL_15 Datasheet
32Kb / 1P
Material Content Data Sheet
16. September 2015
TLF4277-2EP INFINEON-TLF4277-2EP Datasheet
1Mb / 30P
OPTIREGTM linear voltage regulator Low dropout linear voltage regulator
Rev. 1.0 2021-07-23
More results


Similar Description - TLF4277-2LD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KF SANKEN-SI-3000KF_10 Datasheet
45Kb / 2P
Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Infineon Technologies A...
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
logo
ON Semiconductor
NCP4632 ONSEMI-NCP4632 Datasheet
649Kb / 14P
3A, Low Voltage, Low Dropout Linear Voltage Regulator with Reverse Current Protection
June, 2012 ??Rev. 0
logo
Infineon Technologies A...
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLF4277EL INFINEON-TLF4277EL Datasheet
1Mb / 22P
Low Drop Out Linear Voltage Regulator Integrated Current Monitor TLF4277EL
Rev. 1.02, 2011-07-05
logo
Maxim Integrated Produc...
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com