Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD536A Datasheet (PDF) - Analog Devices

AD536A Datasheet PDF - Analog Devices
Part # AD536A
Download  AD536A Download
File Size   344.26 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Circuit True RMS-to-DC Converter

AD536A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD536A Datasheet PDF - Analog Devices

Part # AD536A
Download  AD536A Click to download

File Size   344.26 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Circuit True RMS-to-DC Converter

AD536A Datasheet (HTML) - Analog Devices


AD536A Product details

FEATURES True rms-to-dc conversion
Laser trimmed to high accuracy ±0.2% maximum error (AD536AK)
±0.5% maximum error (AD536AJ)
Wide response capability Computes rms of ac and dc signals
450 kHz bandwidth: V rms > 100 mV 2 MHz bandwidth: V rms > 1 V
Signal crest factor of 7 for 1% error
dB output with 60 dB range Low power: 1.2 mA quiescent current
Single- or dual-supply operation
Monolithic integrated circuit −55°C to +125°C operation (AD536AS)




Similar Part No. - AD536A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD536A AD-AD536A Datasheet
151Kb / 8P
Integrated Circuit True RMS-to-DC Converter
AD536AJCHIPS AD-AD536AJCHIPS Datasheet
151Kb / 8P
Integrated Circuit True RMS-to-DC Converter
AD536AJD AD-AD536AJD Datasheet
151Kb / 8P
Integrated Circuit True RMS-to-DC Converter
AD536AJD AD-AD536AJD Datasheet
558Kb / 17P
Integrated Circuit True RMS-to-DC Converter
Rev. E
AD536AJDZ AD-AD536AJDZ Datasheet
558Kb / 17P
Integrated Circuit True RMS-to-DC Converter
Rev. E
More results


Similar Description - AD536A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD536A AD-AD536A Datasheet
151Kb / 8P
Integrated Circuit True RMS-to-DC Converter
AD636 AD-AD636 Datasheet
157Kb / 8P
Low Level, True RMS-to-DC Converter
REV.B
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
LH0091 True RMS to DC Converter
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636_13 Datasheet
444Kb / 16P
Low Level, True RMS-to-DC Converter
REV. E
AD536AJHZ AD-AD536AJHZ Datasheet
558Kb / 17P
Integrated Circuit True RMS-to-DC Converter
Rev. E
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
TRUE RMS TO DC CONVERTER
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
Integrated Circuit True RMS-to-DC Converter
Rev. F
AD636 AD-AD636_15 Datasheet
677Kb / 17P
Low Level, True RMS-to-DC Converter
Rev. E
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
True RMS-to-DC Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com