Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD538 Datasheet (PDF) - Analog Devices

AD538 Datasheet PDF - Analog Devices
Part # AD538
Download  AD538 Download
File Size   349.54 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Real-Time Analog Computational Unit (ACU)

AD538 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD538 Datasheet PDF - Analog Devices

Part # AD538
Download  AD538 Click to download

File Size   349.54 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Real-Time Analog Computational Unit (ACU)

AD538 Datasheet (HTML) - Analog Devices


AD538 Product details

FEATURES
VO = VY(VZ/VX)m transfer function
Wide dynamic range (denominator) −1000:1
Simultaneous multiplication and division
Resistor-programmable powers and roots
No external trims required
Low input offsets <100 μV
Low error ±0.25% of reading (100:1 range)
Monolithic construction
Real-time analog multiplication, division and
exponentiation
High accuracy analog division with a wide input dynamic range
On board +2 V or +10 V scaling reference
Voltage and current (summing) input modes
Monolithic construction with lower cost and higher
reliability than hybrid and modular circuits
APPLICATIONS
One- or two-quadrant multiply/divide
Log ratio computation
Squaring/square rooting
Trigonometric function approximations
Linearization via curve fitting
Precision AGC
Power functions




Similar Part No. - AD538

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD538 AD-AD538 Datasheet
167Kb / 11P
Real-Time Analog Computational Unit ACU
AD538 AD-AD538 Datasheet
511Kb / 17P
Real-Time Analog Computational Unit (ACU)
Rev. E
AD5380 AD-AD5380 Datasheet
975Kb / 34P
40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
AD5380BST-3 AD-AD5380BST-3 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5380BST-3 AD-AD5380BST-3 Datasheet
975Kb / 34P
40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
More results


Similar Description - AD538

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
REAL TIME CLOCK
logo
Analog Devices
AD538 AD-AD538 Datasheet
167Kb / 11P
Real-Time Analog Computational Unit ACU
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
Real Time Clock
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
Real time clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
Real Time Clock
logo
Analog Devices
AD538BDZ AD-AD538BDZ Datasheet
511Kb / 17P
Real-Time Analog Computational Unit (ACU)
Rev. E
AD538 AD-AD538_15 Datasheet
547Kb / 17P
Real-Time Analog Computational Unit
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com