Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD538 Datasheet (PDF) - Analog Devices

AD538 Datasheet PDF - Analog Devices
Part # AD538
Download  AD538 Download
File Size   511.05 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Real-Time Analog Computational Unit (ACU)

AD538 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD538 Datasheet PDF - Analog Devices

Part # AD538
Download  AD538 Click to download

File Size   511.05 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Real-Time Analog Computational Unit (ACU)

AD538 Datasheet (HTML) - Analog Devices


AD538 Product details

GENERAL DESCRIPTION
The AD538 is a monolithic real-time computational circuit that provides precision analog multiplication, division, and exponentiation. The combination of low input and output offset voltages and excellent linearity results in accurate computation over an unusually wide input dynamic range. Laser wafer trimming makes multiplication and division with errors as low as 0.25% of reading possible, while typical output offsets of 100 μV or less add to the overall off-the-shelf performance level. Real-time analog signal processing is further enhanced by the 400 kHz bandwidth of the device.

FEATURES
   VO = VY(VZ/VX)m transfer function
   Wide dynamic range (denominator) −1000:1
   Simultaneous multiplication and division
   Resistor-programmable powers and roots
   No external trims required
   Low input offsets <100 μV
   Low error ±0.25% of reading (100:1 range)
   Monolithic construction
   Real-time analog multiplication, division and
      exponentiation
   High accuracy analog division with a wide input dynamic range
   On board +2 V or +10 V scaling reference
   Voltage and current (summing) input modes
   Monolithic construction with lower cost and higher
      reliability than hybrid and modular circuits

APPLICATIONS
   One- or two-quadrant multiply/divide
   Log ratio computation
   Squaring/square rooting
   Trigonometric function approximations
   Linearization via curve fitting
   Precision AGC
   Power functions




Similar Part No. - AD538

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD538 AD-AD538 Datasheet
167Kb / 11P
Real-Time Analog Computational Unit ACU
AD538 AD-AD538 Datasheet
349Kb / 16P
Real-Time Analog Computational Unit (ACU)
Rev. E
AD5380 AD-AD5380 Datasheet
975Kb / 34P
40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
AD5380BST-3 AD-AD5380BST-3 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5380BST-3 AD-AD5380BST-3 Datasheet
975Kb / 34P
40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
More results


Similar Description - AD538

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
REAL TIME CLOCK
logo
Analog Devices
AD538 AD-AD538 Datasheet
167Kb / 11P
Real-Time Analog Computational Unit ACU
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
Real Time Clock
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
Real time clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
Real Time Clock
logo
Analog Devices
AD538 AD-AD538_15 Datasheet
547Kb / 17P
Real-Time Analog Computational Unit
Rev. E
logo
Golledge Electronics Lt...
RV4162C7 GOLLEDGE-RV4162C7 Datasheet
135Kb / 1P
Real Time Clock
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com