Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP72202 Datasheet (PDF) - Diodes Incorporated

AP72202 Datasheet PDF - Diodes Incorporated
Part # AP72202
Download  AP72202 Download
File Size   1491.05 Kbytes
Page   30 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES

AP72202 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP72202 Datasheet PDF - Diodes Incorporated

Part # AP72202
Download  AP72202 Click to download

File Size   1491.05 Kbytes
Page   30 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES

AP72202 Datasheet (HTML) - Diodes Incorporated


AP72202 Product details

Description
The AP72202 is a high-current synchronous buck-boost converter
providing high efficiency, excellent transient response and high DC
output accuracy. The targeted applications are smartphones, tablets,
and other handheld devices. The AP72202 utilizes a four-switch Hbridge configuration to support buck and boost operation. The buckboost provides at least 2A output current.
The current control scheme handles wide input/output voltage ratios
and provides low external component count with outstanding
performance in line/load transient response and seamless transition
between buck and boost modes.
The AP72202 features I2C compatible, two-wire serial interface
consisting of a bidirectional serial-data line, SDA, and a serial-clock
line, SCL. It supports SCL clock rates up to 3.4MHz.
The AP72202 also features UVLO, OTP, and OCP to protect the circuit.
This IC is available in a small 2.125 × 1.750mm, 20 balls WLCSP
package.

Features
• VIN 2.3V to 5.5V
• Output Voltage Range: 2.6V to 5.14V
• 2A Continuous Output Current for VOUT = 3.4V and VIN > 2.9V
Efficiency Up to 97%
• 2.5MHz Switching Frequency
• I
2C Interface
• Selectable MODE PFM/PWM
• Ultrasonic Operation Programmable Through I2C
• Power-Good (PG) Indicator with 5MΩ Internal Pullup
• Adjustable Overcurrent Limit
• Fully Protected for Overcurrent, Short-Circuit, Reverse Current
Protection, Overtemperature, and UVLO
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/

Applications
• Smartphones
• Tablets
• Portable consumer devices




Similar Part No. - AP72202

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
AP72200CT20-7 DIODES-AP72200CT20-7 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
More results


Similar Description - AP72202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 3
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
High efficiency synchronous boost DC-DC converter
logo
QX Micro Devices Co.,Lt...
QX2304 QXMD-QX2304 Datasheet
240Kb / 2P
High-efficiency PFM synchronous boost DC-DC converter
logo
Shenzhen Huazhimei Semi...
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
high efficiency PFM synchronous boost DC-DC converter
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com