Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP72202 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP72202 Datasheet HTML 1Page - Diodes Incorporated AP72202 Datasheet HTML 2Page - Diodes Incorporated AP72202 Datasheet HTML 3Page - Diodes Incorporated AP72202 Datasheet HTML 4Page - Diodes Incorporated AP72202 Datasheet HTML 5Page - Diodes Incorporated AP72202 Datasheet HTML 6Page - Diodes Incorporated AP72202 Datasheet HTML 7Page - Diodes Incorporated AP72202 Datasheet HTML 8Page - Diodes Incorporated AP72202 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
2 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Typical Applications Circuit
Pin Descriptions
Pin
Name
Pin Number
Function
20 BALLS
VIN
A1
Input supply for the logic control circuitries.
OCP
A2
OCP program the current limit. LOW will set the OCP threshold to 2A. HIGH will set the OCP threshold to 4.3A.
I2C can override the MODE pin. See the register for more detail.
MODE
A3
MODE logic input. LOW for PFM operation. HIGH for forced PWM. There is an internal 5.5M
Ω resistor from MODE
and GND to set the IC in PFM if left floating. I2C can override the MODE pin. See the register for more detail.
SDA
A4
I2C Data I/O.
SCL
A5
I2C Clock Input.
FB
B1
Feedback Input. FB senses the output voltage and regulates it. Connect FB to VOUT.
PG
B2
Open-drain power-good output that is pulled to GND when the output voltage is out of its regulation limits or
during soft-start interval. Active high by default. There is an internal 5M
Ω pullup resistor to VIO.
GND
B3
Analog ground that is used for control.
EN
B4
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator; low to
turn it off.
VIO
B5
Input supply for the I2C and PG internal pullup resistor.
VOUT
C1, D1
Buck-Boost output.
SW2
C2, D2
Switch Node 2.
PGND
C3, D3
Power Ground.
SW1
C4, D4
Switch Node 1.
PVIN
C5, D5
Power Input. Bypass PVIN to GND with a 10µF capacitor to eliminate noise on the input to the IC.
See Input Capacitor.
PVIN
EN
SCL
SDA
GND
PGND
PG
VOUT
SW2
SW1
L1
1µH
VOUT
C2
2x22µF
C1
10µF
VIN = 2.3V to 5.5V
FB
VIO
OCP
VIN
MODE
Figure 1. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com