Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP72202 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP72202
Description  HIGH-EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER WITH 4.4A SWITCHES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP72202 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP72202 Datasheet HTML 1Page - Diodes Incorporated AP72202 Datasheet HTML 2Page - Diodes Incorporated AP72202 Datasheet HTML 3Page - Diodes Incorporated AP72202 Datasheet HTML 4Page - Diodes Incorporated AP72202 Datasheet HTML 5Page - Diodes Incorporated AP72202 Datasheet HTML 6Page - Diodes Incorporated AP72202 Datasheet HTML 7Page - Diodes Incorporated AP72202 Datasheet HTML 8Page - Diodes Incorporated AP72202 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
AP72202
Document number: DS46304 Rev. 1 - 2
3 of 30
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP72202
Functional Block Diagram
A3
MODE
Internal
Reference
+
+
-
-
+
+
Error
Amplifier
PWM
Comparator
Voltage
Program
+
C4, D4
SW1
C2, D2
SW2
C1, D1
VOUT
C5, D5
PVIN
C3, D3
PGND
B3
GND
REF
EN
Oscillator
2.5MHz
EN
OCP
+
Thermal SD
SS
gm
B1
FB
Se
CSA
A5
SCL
A4
SDA
Control Logic
VIO
5M
B2
PG
Q1
Q2
Q3
Q4
EN
B4
EN
A1
VIN
A2
OCP
B5
VIO
REF
Gate Drivers
and Anti-
Shoot Thru
VIO
I
2C
Register
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com